Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9546BCPZ Datasheet(PDF) 97 Page - Analog Devices

Part # AD9546BCPZ
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546BCPZ Datasheet(HTML) 97 Page - Analog Devices

Back Button AD9546BCPZ Datasheet HTML 93Page - Analog Devices AD9546BCPZ Datasheet HTML 94Page - Analog Devices AD9546BCPZ Datasheet HTML 95Page - Analog Devices AD9546BCPZ Datasheet HTML 96Page - Analog Devices AD9546BCPZ Datasheet HTML 97Page - Analog Devices AD9546BCPZ Datasheet HTML 98Page - Analog Devices AD9546BCPZ Datasheet HTML 99Page - Analog Devices AD9546BCPZ Datasheet HTML 100Page - Analog Devices AD9546BCPZ Datasheet HTML 101Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 205 page
background image
Data Sheet
AD9546
Rev. 0 | Page 97 of 205
DISTRIBUTION PHASE OFFSET CONTROL
OUTPUT PHASE OFFSET OVERVIEW
The phase offset controller (see Figure 67) governs the
application of phase offsets to the individual Q dividers. The
controller implements two categories of phase offset: initial
phase offset and subsequent phase offset.
An initial phase offset applies after the device is powered up or
reset and the user issues a synchronization request that is
completed (see the Distribution Output Clock Synchronization
section). The completed synchronization request results in the
establishment of the initial phase offset. Subsequent phase
offsets apply for all subsequent synchronization requests (that
is, any synchronization requests occurring after the initial
power-up or reset synchronization request). See the
Distribution Output Clock Synchronization section regarding
synchronization requests.
Initial and subsequent phase offsets require the Q divider pulse
width control feature to be turned off (see the Output Pulse
Width Control section).
The initial phase offset depends on a 33-bit unsigned integer in
the register ranges shown in Table 66. The four lower addresses
for each Q divider in Table 66 carry the 32 LSBs of the 33-bit
integer, and Bit 6 of the upper address carries the MSB of the
33-bit integer (Bit 7 is unused and Bits[5:0] apply to other Q
divider features).
Table 66. Q Divider Phase Offset Control Address Ranges
Q Divider
Register Address
Q0A
0x1104 to 0x1108
Q0AA
0x110D to 0x1111
Q0B
0x1116 to 0x111A
Q0BB
0x111F to 0x1123
Q0C
0x1128 to 0x112C
Q0CC
0x1131 to 0x1135
Q1A
0x1504 to 0x1508
Q1AA
0x150D to 0x1511
Q1B
0x1516 to 0x151A
Q1BB
0x151F to 0x1523
INITIAL PHASE OFFSET
The initial phase offset of a Q divider is dependent on the
divide ratio and state of the half integer divide bit, which
together constitute the number of rising and falling input clock
edges that span one period of the Q divider output. For details
on the divide ratio and half integer divide, see the Distribution
Dividers (Q Dividers) section.
In terms of the values defining the divide ratio of the Q divider,
E = (2 × Divide Ratio) + Half Integer Divide
= 2 × QN
where:
E is the total number of input edges per output period of the Q
divider.
Divide Ratio is the value of the 32-bit integer stored in the
corresponding Q divider register in Table 63.
Half Integer Divide is the value of the corresponding Q divider
half integer divide bit (0 or 1).
QN is the complete divide factor (for example, 101.5) of a
specific Q divider.
Thus, for QN = 101.5, E = 203.
The value of E relates to the phase offset angle, θ, as follows:
θ = 360° × (Phase Offset/E)
where Phase Offset is the integer stored in the phase offset
registers (the phase offset register address ranges appear in
Table 66).
The phase offset angle equation implies that the programmed
phase offset value must be less than E (that is, the phase offset
value has a range of 0 to E − 1). Note that programming an
invalid phase value results in the phase offset controller taking
no action other than setting an error status in Bits[5:0] of
Register 0x310E for PLL0 and Bits[3:0] of Register 0x320E for
PLL1. For Register 0x310E, Bits[5:0] correspond to Q0CC,
Q0C, Q0BB, Q0B, Q0AA and Q0A, respectively. For Register
0x320E, Bits[3:0] correspond to Q1BB, Q1B, Q1AA, and Q1A,
respectively. The user can access the phase control error results
via an appropriately configured Mx status pin (see the Status
and Control Pins section). The Mx pin output signal constitutes
a logical OR of the six status bits associated with PLL0 or the
logical OR of the four status bits associated with PLL1.
SUBSEQUENT PHASE OFFSETS
Subsequent phase offsets involve writing a new 33-bit phase
offset value to the appropriate Q divider per Table 66 and then
setting the IO update bit. The magnitude of the applied phase
offset is the same as described in the Initial Phase Offset
section.
Unlike the initial phase offset, the phase controller implements
subsequent phase offsets in stepwise fashion as a sequence of
phase steps, where the 33-bit phase offset value denotes the
amount of phase offset present at the termination of the sequence.
The controller executes the phase steps at a rate commensurate
with the Q divider output period. This mechanism makes it
possible to soften the phase transient that results when applying
subsequent phase offsets. The reason is the stepwise
implementation of the phase offset effectively limits phase
transients to some maximum amount per output cycle of the
Q divider, which effectively constitutes a phase rate of change
limiter. The limited rate of change of the phase replaces the
relatively large instantaneous phase step of a phase adjustment
with a series of small phase steps, thereby reducing the spectral
content normally associated with phase adjustment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com