Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9546BCPZ Datasheet(PDF) 85 Page - Analog Devices

Part # AD9546BCPZ
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546BCPZ Datasheet(HTML) 85 Page - Analog Devices

Back Button AD9546BCPZ Datasheet HTML 81Page - Analog Devices AD9546BCPZ Datasheet HTML 82Page - Analog Devices AD9546BCPZ Datasheet HTML 83Page - Analog Devices AD9546BCPZ Datasheet HTML 84Page - Analog Devices AD9546BCPZ Datasheet HTML 85Page - Analog Devices AD9546BCPZ Datasheet HTML 86Page - Analog Devices AD9546BCPZ Datasheet HTML 87Page - Analog Devices AD9546BCPZ Datasheet HTML 88Page - Analog Devices AD9546BCPZ Datasheet HTML 89Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 205 page
background image
Data Sheet
AD9546
Rev. 0 | Page 85 of 205
However, because the user knows the source is no longer
traceable, the user can force the reference to be invalid by
making invalidate = 1 (even though the reference monitor sees
the reference as being in tolerance). The user can reinstate a
valid status when conditions permit by making invalidate = 0.
However, if the reference signal goes out of tolerance (as
determined by the reference monitor) during the time that
invalidate = 1, then when the user makes invalidate = 0, the
reference remains invalid. That is, the user cannot force a
reference with an invalid status to a valid status via the fault
reference bit when bypass = 0.
A scenario for using bypass = 1 (that is bypassing reference
monitor control of the validation timer) is when a reference
signal is of the gapped clock variety. A reference signal
employing a gapped clock is problematic for the reference monitor
because it cannot reliably discern an in or out of tolerance
condition. As such, an otherwise unfaulted reference can be
deemed faulted from the point of view of the reference
monitor. Under such conditions, the user can bypass reference
monitor control of the validation timer (and thereby valid and
invalid status) by making bypass = 1. With bypass = 1, the
invalidate control bit allows the user to mimic the fault and
unfault conditions normally generated by the reference
monitor.
DISCONTINUITY DETECTION
The reference monitor detects the following discontinuities in
the period of the reference signal:
•
An absent reference signal or a reference period that
deviates by more than 3.125% of the expected value.
•
A reference period sample deviating by more than 64 times
JEST plus ½ of jitter tolerance, where JEST is the current
estimate of the jitter variance.
•
Short term jitter exceeds long-term jitter by ~50%.
Detection of a discontinuity causes the discontinuity status
signal (see Figure 60) to be Logic 1.
REFERENCE PERIOD JITTER ESTIMATION
Because the reference monitor uses numeric time stamps to
measure the reference period, it can estimate the mean and
variance of the reference signal as it observes period samples
(that is, the difference between successive time stamps from the
TDC). The mean is an estimate of the reference period, and the
variance is an estimate of the jitter present on the reference
signal. The reference monitor uses the mean and jitter variance
estimate to make in tolerance or out of tolerance decisions by
comparing a span of 16 times the current jitter variance
estimate (±8σ) against the tREF, threshold, and hysteresis
parameters. This statistical approach allows the reference
monitor to make tolerance decisions with a high degree of
confidence in a nearly optimal minimum observation time.
REFERENCE MONITOR DECISION TIME
The reference period estimation algorithm takes into account
the value of the threshold parameter specified by the user (see
the Reference Monitor Controls section) and the actual jitter
present on the reference signal. In general, less averaging
required by the jitter estimator to bring the variance within a
suitable range means a shorter decision making time. The key
point is that both the value of the threshold parameter and the
amount of jitter present on the input signal govern the decision
time for the reference monitor to declare an out of tolerance
condition. That is, the decision time is not deterministic.
Although jitter plays a role in the decision time of the reference
monitor under normal operation, jitter has little effect on the
decision time when the reference period is much greater than
the base period or when the reference signal disappears
completely. The reason is the reference monitor has advance
knowledge of the expected period of the reference signal
(namely, R × tREF). Thus, the reference monitor can rely on
internal timing (rather than TDC time stamps) to keep watch
for expected time stamps from the TDC. If the reference
monitor fails to observe the arrival of a new time stamp after a
period of 1.15 × R × tREF, the monitor declares an LOS.
Note that for an input signal that is slow (but not absent), after
the first assertion of LOS status, the LOS status toggles on each
subsequent occurrence of the expected period of the reference.
Thus, the LOS bit is not a reliable indicator of the loss of the
reference signal. Instead, use the fault status as an indicator of
the loss of the signal.
REFERENCE VALIDATION
Some applications require a reference to be in an unfaulted
condition for a prescribed period before exhibiting valid status.
To accommodate these applications, the reference monitor
includes a programmable validation timer. A reference
transition from a faulted state to a nonfaulted state indicates a
start event for the validation timer, which begins counting
down. Upon expiration of the timer, valid = 1, which indicates
the reference is available for use (see Figure 60).
It is important to note that the validation timer stops counting
down and resets upon the occurrence of the faulted status (fault
= 1). A subsequent unfault condition causes the timer to
reinitiate a countdown from the programmed tVALID value.
Thus, the reference only attains valid status when the reference
remains unfaulted for the full duration of the validation timer.
The user has the option to force the validation timer to jump to
the end of its timing function by programming timeout = 1 (see
the Reference Monitor Controls section and Figure 60). In this
way, if a faulted reference has returned to a nonfaulted state
and is awaiting validation, the user can override the timer if
necessary, and immediately bring the reference to a valid status.
Programming timeout = 1 has no effect on a faulted reference
because a fault condition resets the validation timer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com