Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9546BCPZ Datasheet(PDF) 16 Page - Analog Devices

Part # AD9546BCPZ
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546BCPZ Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9546BCPZ Datasheet HTML 12Page - Analog Devices AD9546BCPZ Datasheet HTML 13Page - Analog Devices AD9546BCPZ Datasheet HTML 14Page - Analog Devices AD9546BCPZ Datasheet HTML 15Page - Analog Devices AD9546BCPZ Datasheet HTML 16Page - Analog Devices AD9546BCPZ Datasheet HTML 17Page - Analog Devices AD9546BCPZ Datasheet HTML 18Page - Analog Devices AD9546BCPZ Datasheet HTML 19Page - Analog Devices AD9546BCPZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 205 page
background image
AD9546
Data Sheet
Rev. 0 | Page 16 of 205
Parameter
Min
Typ
Max
Unit
VDDIOB = 2.5 V
Auxiliary REF0
485
860
1290
ps
Auxiliary REF1
365
735
1160
ps
Auxiliary REF2
295
690
1135
ps
Auxiliary REF3
190
580
1025
ps
VDDIOB = 3.3 V
Auxiliary REF0
340
620
940
ps
Auxiliary REF1
215
500
815
ps
Auxiliary REF2
130
455
820
ps
Auxiliary REF3
35
340
680
ps
M3
VDDIOB = 1.8 V
Auxiliary REF0
1095
1585
2135
ps
Auxiliary REF1
955
1460
2035
ps
Auxiliary REF2
860
1380
1970
ps
Auxiliary REF3
790
1310
1905
ps
VDDIOB = 2.5 V
Auxiliary REF0
550
945
1410
ps
Auxiliary REF1
415
820
1300
ps
Auxiliary REF2
340
750
1235
ps
Auxiliary REF3
275
685
1170
ps
VDDIOB = 3.3 V
Auxiliary REF0
370
705
1105
ps
Auxiliary REF1
285
585
960
ps
Auxiliary REF2
210
540
930
ps
Auxiliary REF3
145
485
890
ps
REFERENCE MONITORS
Table 10.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
REFERENCE MONITORS
Reference Monitor
tPFD is the nominal phase detector period; tPFD = R/fREF, where R is
the frequency division factor determined by the R divider, and
fREF is the frequency of the active reference
Loss of Reference
Detection Time
4.9 + 0.13 ×
tPFD
µs
tPFD = R/fREF with fREF in units of MHz
Frequency Out of
Range Limit
5 × 10−8
0.015
Δf/fREF
Minimum deviation from fREF for an unfaulted reference to
become faulted; programmable with the lower limit subject to
quality of the system clock (or the source of system clock
compensation); Δf = frequency deviation from fREF; to prevent
false reference invalidation due to the inherent peak jitter of the
TDC (TDCJpk), requires fTDC < Threshold × 10−9/TDCJpk, where fTDC is
the frequency applied at the TDC input (see the Reference
Period Threshold section for the threshold parameter);
minimum = 5 × 10−8 requires fTDC < 200 Hz
Frequency In
Range Limit
(5 × 10−8) ×
(1 – SF)
0.015 ×
(1 – SF)
Δf/fREF
Maximum deviation from fREF for a faulted reference to become
unfaulted; lower limit subject to quality of the system clock (or
the source of system clock compensation); SF = programmable
hysteresis scale factor (see Table 54); Δf = frequency deviation
from fREF; to prevent false reference revalidation due to TDCJpk
requires fTDC < Threshold × 10−9 × SF/TDCJpk, where fTDC is the
frequency applied at the TDC input (see the Hysteresis section
for SF); minimum = (5 × 10−8) × (1 – SF) requires fTDC < SF × 200 Hz
Validation Timer
0.001
1048
sec
Programmable in 1 ms steps; maximum is (220 – 1) ms
Excessive Jitter Alarm
Threshold
1
65,535
ns
Programmable in 1 ns steps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com