Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9546BCPZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD9546BCPZ
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546BCPZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9546BCPZ Datasheet HTML 4Page - Analog Devices AD9546BCPZ Datasheet HTML 5Page - Analog Devices AD9546BCPZ Datasheet HTML 6Page - Analog Devices AD9546BCPZ Datasheet HTML 7Page - Analog Devices AD9546BCPZ Datasheet HTML 8Page - Analog Devices AD9546BCPZ Datasheet HTML 9Page - Analog Devices AD9546BCPZ Datasheet HTML 10Page - Analog Devices AD9546BCPZ Datasheet HTML 11Page - Analog Devices AD9546BCPZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 205 page
background image
AD9546
Data Sheet
Rev. 0 | Page 8 of 205
POWER DISSIPATION
The typical values apply for VDD = 1.8 V, and the maximum values apply for VDD = 1.89 V.
Table 4.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
POWER DISSIPATION
fOSC is the frequency at the XOA/XOB pins
Typical Configuration
585
760
mW
fOSC = 49.152 MHz crystal; two active DPLLs;
two 19.44 MHz input references in differential mode;
two ac-coupled PLL Channel 0 (PLL0) current mode logic
(CML) output drivers at 245.76 MHz; and two PLL Channel 1
(PLL1) CML output drivers at 156.25 MHz
Line Card Configuration
585
760
mW
fOSC = 52 MHz crystal; two active DPLLs (hitless mode); five
single-ended input references with two operating at 10 MHz
and three with active 1 Hz reference demodulation operating
at 50 MHz; five HCSL (15 mA) output drivers operating at
10 MHz; one auxiliary NCO operating at 500 Hz; two inverse
user timer stampers (IUTSs) operating at 500 Hz; auxiliary
DPLL enabled; see the Digitized Clocking Application section
for line card information
Timing Card Configuration
585
760
mW
fOSC = 52 MHz crystal; two active DPLLs (one hitless mode, one
phase build-out mode); eight single-ended input references
with four operating at 10 MHz and four with active 1 Hz
reference demodulation operating at 50 MHz; five HCSL
(15 mA) output drivers with two operating at 10 MHz and
three with active 1 Hz embedded clock modulation operating
at 50 MHz; two auxiliary NCOs with one operating at 500 Hz
and one operating at 1 Hz; one IUTS operating at 500 Hz;
auxiliary DPLL enabled; see the Digitized Clocking Application
section for timing card information
All Blocks Running Configuration
745
795
mW
fOSC = 49.152 MHz crystal; two active DPLLs;
two 19.44 MHz input references in differential mode;
three ac-coupled PLL0 HCSL output drivers at 400 MHz; and
two PLL1 HCSL output drivers at 400 MHz
Full Power-Down
125
mW
Based on the Typical Configuration specification, but with
Register 0x2000, Bit 0 = 1
Incremental Power Dissipation
Based on the Typical Configuration specification; the values in
this section indicate the change in power due to the indicated
operation relative to the Typical Configuration specification
Complete DPLL/APLL On vs. Off
160
mW
Change in dissipated power relative to the Typical Configuration
specification; the powered down blocks consist of one reference
input, one DPLL, one APLL, two channel dividers, and two
output drivers
Input Reference On vs. Off
Differential (AC-Coupled Mode)
20
mW
Reference frequency (fREF) = 19.44 MHz (see Figure 36)
Differential (DC-Coupled Mode)
21
mW
fREF = 19.44 MHz (see Figure 37)
Single-Ended
13
mW
fREF = 19.44 MHz
Output Distribution Driver On vs. Off
At 156.25 MHz
15 mA Mode
28
mW
12.5 mA Mode
23
mW
7.5 mA Mode
15
mW
Auxiliary DPLL On vs. Off
1
mW
Auxiliary Numerically Controlled
Oscillator (NCO) to Mx Pin On vs. Off
1
mW
Fundamental set to 50 kHz
Auxiliary Time to Digital Converter
(TDC) Input from Mx Pin On vs. Off
1
mW
Input frequency (fIN) = 10 MHz, auxiliary TDC rate = 200 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com