Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9546BCPZ Datasheet(PDF) 57 Page - Analog Devices

Part # AD9546BCPZ
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546BCPZ Datasheet(HTML) 57 Page - Analog Devices

Back Button AD9546BCPZ Datasheet HTML 53Page - Analog Devices AD9546BCPZ Datasheet HTML 54Page - Analog Devices AD9546BCPZ Datasheet HTML 55Page - Analog Devices AD9546BCPZ Datasheet HTML 56Page - Analog Devices AD9546BCPZ Datasheet HTML 57Page - Analog Devices AD9546BCPZ Datasheet HTML 58Page - Analog Devices AD9546BCPZ Datasheet HTML 59Page - Analog Devices AD9546BCPZ Datasheet HTML 60Page - Analog Devices AD9546BCPZ Datasheet HTML 61Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 205 page
background image
Data Sheet
AD9546
Rev. 0 | Page 57 of 205
COMMON CLOCK REFERENCE MONITOR
The reference monitor for CCR0 uses the reference monitor
hardware of the legacy auxiliary DPLL. Because the CCDPLL
supports reference redundancy, however, it requires a second
reference monitor for CCR1. Thus, the CCDPLL implements a
duplicate reference monitor for CCR1. The CCR1 reference
monitor includes a validation delay feature (see the Common
Clock Reference Switchover section).
Each CCR reference monitor continuously observes the post
R divider period (tCCR) of each CCR source, where tCCR = R × tREF
(see the Reference Monitor Controls section of the Reference
Monitor section for details on tREF). The reference monitor
considers a CCR valid when the period of the specified source
of the CCR is within ±3.125% of tCCR. Conversely, a CCR is
invalid when the CCR reference monitor fails to detect the next
rising edge event within two tCCR periods, or the user clears the
enable bit associated with the CCR.
Each CCR reference monitor provides a status bit to indicate
that the CCR is valid (Logic 1), via Bit 4 and Bit 5 of
Register 0x0D40, for CCR0 and CCR1, respectively. The status
of the CCR reference monitors (valid and invalid) are also part
of the IRQ mechanism (see Bits[7:4] of Register 0x301D and
the Interrupt Request (IRQ) section). The status bits (Bit 4 and
Bit 5 of Register 0x0D40) are undefined for legacy auxiliary
DPLL operation. Furthermore, when using the common clock
DPLL, the legacy auxiliary DPLL reference status bit (Bit 2 of
Register 0x3002) is undefined.
The CCDPLL uses the status of the CCR reference monitors to
coordinate automatic reference switchover as described in the
Common Clock Reference Switchover section.
CCDPLL LOCK DETECTOR
By default, the CCDPLL uses the same lock detector as the
legacy auxiliary DPLL (see the Auxiliary DPLL Reference
Monitor Status section of the System Clock Compensation
section). However, the auxiliary DPLL lock detector has fixed
parameters that are not adjustable by the user. Thus, the default
lock detector is not well suited to digitized clocking applications.
To resolve this issue, the CCDPLL has access to a specialized
lock detector with programmable features, the CCDPLL lock
detector. The general functionality of the CCDPLL lock
detector is identical to the phase lock detector employed in the
channel DPLLs (DPLL0 and DPLL1). Refer to the DPLL Phase
Lock Detector section of the Digital PLL (DPLL) section for
details.
The phase lock threshold, phase lock fill, and phase lock drain
parameters of the CCDPLL lock detector appear in different
registers than those associated with DPLL0 and DPLL1:
Register 0x0D00 to Register 0x0D01, Register 0x0D02, and
Register 0x0D03 for threshold, fill, and drain, respectively.
Furthermore, the common clock DPLL uses the legacy auxiliary
DPLL lock detector by default. To enable the CCDPLL lock
detector, the user must program a nonzero value for the phase
lock threshold parameter. Otherwise, the phase lock fill and
drain parameters have no function, because they are
meaningless in the context of the legacy auxiliary DPLL.
When the user enables the CCDPLL lock detector, a stability
timer becomes available for use. The stability timer allows the
user to specify a fixed delay for indicating a locked status after
the phase lock detector makes a transition from an unlocked to
a locked state. The time delay provides for a more robust
indication of lock, because it allows additional time for lock and
unlock chatter to resolve. The stability timer uses an unsigned
16-bit value (units of milliseconds) via Register 0x0D04 to
Register 0x0D05. Programming a nonzero value enables the
stability timer. Otherwise, the CCDPLL lock detector bypasses
the stability timer.
The user has access to the status of the CCDPLL lock detector
via Bit 1 of Register 0x0D40 or Bit 1 of Register 0x3002. Logic 1
indicates locked, and Logic 0 indicates unlocked.
CCDPLL LOOP FILTER
The CCDPLL loop filter and the auxiliary DPLL loop filter use
the same loop filter hardware. As such, the user can program
the bandwidth of the loop filter as described in the Auxiliary
DPLL Loop Bandwidth section of the System Clock
Compensation section.
COMMON CLOCK REFERENCE (CCR) PERIOD
DECLARATION
Because a CCR is a time stamp source, the user programs the
expected reference period, tREF, in the reference monitor
controls for a specific source (see the Reference Monitor
Controls section of the Reference Monitor section for details on
tREF). However, tREF is subject to rounding errors, which are
typically small enough to ignore.
Although tREF is sufficiently precise for use by the reference
monitors, it is generally not precise enough for use by the
CCDPLL. The reason is the CCDPLL generates a local time
scale based on integrating tREF. Integrating tREF, however, poses a
problem because even a minuscule error accumulates over
time. To remedy this problem, the CCDPLL provides a
mechanism for declaring the reference period rationally as a
numerator (NUM) and denominator (DEN).
For example, consider a 38.88 MHz reference frequency. The
period, in rational terms, is 1/38,880,000. For this case, the
numerator = 1 and the denominator = 38,880,000. The user
programs the numerator and denominator values in
Register 0x0D12 to Register 0x0D1A for CCR0 and
Register 0x0D22 to Register 0x0D2A for CCR1.
The rational period functionality is inactive by default (that is,
denominator = 0), which means the common clock DPLL uses
tREF strictly as the period definition by default. As such, to make
use of the rational period functionality, the user must program
the denominator with a nonzero value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com