Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9546BCPZ Datasheet(PDF) 91 Page - Analog Devices

Part # AD9546BCPZ
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546BCPZ Datasheet(HTML) 91 Page - Analog Devices

Back Button AD9546BCPZ Datasheet HTML 87Page - Analog Devices AD9546BCPZ Datasheet HTML 88Page - Analog Devices AD9546BCPZ Datasheet HTML 89Page - Analog Devices AD9546BCPZ Datasheet HTML 90Page - Analog Devices AD9546BCPZ Datasheet HTML 91Page - Analog Devices AD9546BCPZ Datasheet HTML 92Page - Analog Devices AD9546BCPZ Datasheet HTML 93Page - Analog Devices AD9546BCPZ Datasheet HTML 94Page - Analog Devices AD9546BCPZ Datasheet HTML 95Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 205 page
background image
Data Sheet
AD9546
Rev. 0 | Page 91 of 205
DISTRIBUTION CLOCK OUTPUT DRIVERS
DISTRIBUTION CLOCK OUTPUT DRIVERS
OVERVIEW
The AD9546 has 10 clock output pins capable of generating up
to 10 output clock signals. The 10 pins comprise two groups of
clocks differentiated by the PLL channel available as the clock
source driving the group. PLL0 can clock the Output 0 group,
and PLL1 can clock the Output 1 group.
The Output 0 group comprises six of the 10 clock output pins
with the six pins consisting of three pin pairs. Each pin pair
represents an output subgroup (A, B, and C) with the pins
designated as
•
OUT0AP and OUT0AN
•
OUT0BP and OUT0BN
•
OUT0CP and OUT0CN
The Output 1 group comprises the remaining four output pins
consisting of two pin pairs. Each pin pair represents an output
subgroup (A and B) with the pins designated as
•
OUT1AP and OUT1AN
•
OUT1BP and OUT1BN
Each output driver has three programmable parameters
controlling
•
Output current direction (source or sink)
•
Output current magnitude
•
Driver configuration
The three control parameters for a given output are bits that
reside in the same register with a register address specific to a
specific output per Table 57.
Table 57. Output Driver Control Register Address
Output
Register Address
OUT0A
0x10D7
OUT0B
0x10D8
OUT0C
0x10D9
OUT1A
0x14D7
OUT1B
0x14D8
OUTPUT CURRENT CONTROL
Each pin associated with a subgroup pin pair (OUTxyP/OUTxyN,
where x is 0 or 1 and y is A, B, or C) has an output driver and a
channel divider associated with it. Both drivers of an output pin
pair act as either current sources or current sinks. The user
programs the source or sink option via Bit 0 of the appropriate
register address in Table 57. Logic 0 (default) sets both drivers
to current sink mode, and Logic 1 sets both drivers to current
source (or HCSL) mode.
To control the magnitude of the current, use Bits[2:1] of the
appropriate register address in Table 57. Table 58 relates the
value of the two bits to the magnitude of the driver current.
Table 58. Output Driver Current
Bits[2:1] Value (Decimal)
Output Current (mA)
0
7.5 (default)
1
12.5
2
15
3
Not applicable
OUTPUT MODE CONTROL
Each output pin pair has two channel dividers and two output
drivers. Figure 66 shows the connectivity between the dividers
and drivers. The divider to driver connectivity depends on the
selected output mode.
FROM
PLL0
OR
PLL1
+1.8V
OUTxyP
Qxy
Qxyy
SINK
SOURCE
DRIVER
DRIVER
OUTxyN
SINGLE-DIVIDER, DIFFERENTIAL DRIVERS
SINGLE-DIVIDER, SINGLE-ENDED DRIVERS
DUAL-DIVIDER, SINGLE-ENDED DRIVERS
FROM
PLL0
OR
PLL1
+1.8V
OUTxyP
Qxy
Qxyy
SINK
SOURCE
DRIVER
DRIVER
OUTxyN
FROM
PLL0
OR
PLL1
+1.8V
OUTxyP
Qxy
Qxyy
SINK
SOURCE
DRIVER
DRIVER
OUTxyN
Figure 66. Output Driver Modes
The user controls the connectivity of the dividers and drivers of
each subgroup pin pair via Bits[4:3] of the appropriate register
address (see Table 57). The value of the two bits selects the
divider to driver relationship per Table 59.
Table 59. Driver Output Mode
Bits[4:3] Value
(Decimal)
Output Driver Mode
0
Single-divider, differential (default)
1
Single-divider, single-ended
2
Dual-divider, single-ended
3
Not applicable
The single divider modes use only the Qxy divider (with the
Qxyy divider powered down). The dual divider mode makes
use of both the Qxy and Qxyy dividers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com