| Electronic Components Datasheet Search |
|
ADAV803ASTZ Datasheet(PDF) 36 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADAV803ASTZ Datasheet(HTML) 36 Page - Analog Devices |
|
36 / 56 page ![]() ADAV803 Rev. 0 | Page 36 of 56 RES F5 RxBCONF4 NF3 RxB RxBCONF0 Table 26. Receiver Buffer Configuration Register RES RxBCON RxBCO CONF2–1 7 6 5 4 3 2, 1 0 ADDRESS = 0001011 (0x0B) RxBCONF5 If the user bits are formatted according to the IEC60958-3 standard and the DAT category is detected, the user bit enabled only when there is a change in the start (ID) bit. interrupt is 0 = User bit interrupt is enabled in normal mode. If the DAT category is detected, the user bit interrupt is enabled only if there is a change in the start (ID) bit. termines whether Channel A and Channel B user bits are stored in the buffer together or separated and B. eceiver channel status is read, which is 192 audio frames. of the receiver channel status block changes from the previous channel IEC60958-3 standard. xBCONF0 Defines the user bit buffer size, if RxBCONF2–1 = 01. rt of the buffer. a 1 = RxBCONF4 This bit de between A 0 = User bits are stored together. 1 = User bits are stored separately. RxBCONF3 Defines the function of RxCSBINT. 0 = RxCSBINT are set when a new block of r 1 = RxCSBINT is set only if the first five bytes status block. RxBCONF2–1 Defines the user bit buffer. e ignored. 00 = User bits ar 01 = Updates the second user bit buffer when the first user bit buffer is full. 10 = Formats the received user bits according to Byte 1, Bit 4 to Bit 7, of the channel status, if the PRO bit is set. If the PRO bit is not set, formats the user bits according to the 11 = Reserved. R 0 = 384 bits with Preamble Z as the sta 8 b h Pr st 1 = 76 its wit eamble Z as the rt of the buffer. Table 27. Transmitter Control Register RES TxVALIDITY TxRATIO2–0 TxCLKSEL1–0 TxENABLE 7 6 5, 4, 3 2, 1 0 ADDRESS = 0001100 (0x0C) TxVALIDITY This bit is used to set or clear the VALIDITY bit in the AES3/SPDIF transmit stream. 0 = Audio is suitable for D/A conversion. 1 = Audio is not suitable for D/A conversion. TxRATIO2–0 Determines the AES3/SPDIF transmitter to AES3/SPDIF receiver ratio. 00 = Internal Clock 1 is the cl 01 = Internal Clock 2 is the clock source for the transmitter. ce for the transmitter. 3/SPDIF transmitter is disabled. 000 = Transmitter to receiver ratio is 1:1. 001 = Transmitter to receiver ratio is 1:2. 010 = Transmitter to receiver ratio is 1:4. 101 = Transmitter to receiver ratio is 2:1. 110 = Transmitter to receiver ratio is 4:1. TxCLKSEL1–0 Selects the clock source for the AES3/SPDIF transmitter. ock source for the transmitter. 10 = Recovered PLL clock is the clock sour 11 = Reserved. TxENABLE Enables the AES3/SPDIF transmitter. 0 = AES 1 = AES3/SPDIF transmitter is enabled. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |