Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADAV803ASTZ Datasheet(PDF) 38 Page - Analog Devices

Part # ADAV803ASTZ
Description  Audio Codec for Recordable DVD
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV803ASTZ Datasheet(HTML) 38 Page - Analog Devices

Back Button ADAV803ASTZ Datasheet HTML 34Page - Analog Devices ADAV803ASTZ Datasheet HTML 35Page - Analog Devices ADAV803ASTZ Datasheet HTML 36Page - Analog Devices ADAV803ASTZ Datasheet HTML 37Page - Analog Devices ADAV803ASTZ Datasheet HTML 38Page - Analog Devices ADAV803ASTZ Datasheet HTML 39Page - Analog Devices ADAV803ASTZ Datasheet HTML 40Page - Analog Devices ADAV803ASTZ Datasheet HTML 41Page - Analog Devices ADAV803ASTZ Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 56 page
background image
ADAV803
Rev. 0 | Page 38 of 56
icant Byte
Table 31. Transmitter Message Zeros Least Signif
LSBZeros7–0
7, 6, 5, 4, 3, 2, 1, 0
ADDRESS = 0010000 (0x10)
LSBZeros7–0
Least significant byte of the number of zeros to be stuffed between IEC60958-3 messages (packets). Default = 0x09.
able 32. Autobuffer Register
Stuff_IU
Auto_UBits
Auto_CSBits
IU_Zeros3–0
T
RES
Zero_
7
6
5
4
3, 2, 1, 0
ADDRESS = 0010001 (0x11)
Zero_Stuff_IU
Enables the addition or subtraction of zeros between IUs during autobuffering of the user bits in IEC60958-3 format.
0 = No zeros added or subtracted.
1 = Zeros can be added or subtracted between IUs.
Enables the user bits to be autobuffered
Auto_UBits
between the AES3/SPDIF receiver and transmitter.
0 = User bits are not autobuffered.
1 = User bits are autobuffered.
ts to be autobuffered between the AES3/SPDIF receiver and transmitter.
s are not autobuffered.
bits are autobuffered.
maximum number of zero-stuffing to be added between IUs while autobuffering up to a maximum of 8.
0111 = 7.
Auto_CSBits
Enables the channel status bi
0 = Channel status bit
1 = Channel status
IU_Zeros3–0
Sets the
0000 = 0.
0001 = 1.
1000 = 8.
33. Sample Rat
R
ad
SRCRATIO14–SRCRATIO08
Table
e Ratio MSB egister (Re
Only)
RES
7
6, 5, 4, 3, 2, 1, 0
ADDRESS = 0010010 (0x12)
SRCRATIO14–08
Seven most significant bits of the15-bit sample rate ratio.
Table 34. Sample Rate Ratio LSB Register (Read Only)
SRCRATIO07–SRCRATIO00
7, 6, 5, 4, 3, 2, 1, 0
ADDRESS = 0010011 (0x13)
SRCRATIO07–00
Eight least significant bits of the15-bit sample rate ratio.
Table 35. Preamble-C
PRE_C15–PRE_C08
MSB Register (Read Only)
7, 6, 5, 4, 3, 2, 1, 0
ADDRESS = 0010100 (0x14)
PRE_C15–08
Eight most significant bits of the 16-bit Preamble-C, when nonaudio data is detected according to the IEC60937
standard; otherwise, bits show zeros.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com