| Electronic Components Datasheet Search |
|
ADAV803ASTZ Datasheet(PDF) 40 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADAV803ASTZ Datasheet(HTML) 40 Page - Analog Devices |
|
40 / 56 page ![]() ADAV803 Rev. 0 | Page 40 of 56 RxValid Emphasis Mask nAudio Mask onA Preamble Mask CRCError Mask Stream Mask BiPhas Parity Mask Lock Mask Table 40. Receiver Error Mask Register Mask ity No N udio No e/ 7 6 5 4 3 2 1 0 ADDRESS = 0011001 (0x19) RxValidity Mask rating an interrupt. Masks the RxValidity bit from gene 0 = RxValidity bit does not generate an interrupt. terrupt. k an interrupt. 0 = NonAudio bit does not generate an interrupt. 1 = NonAudio bit generates an interrupt. nAudio preamble bit from generating an interrupt. 0 = NonAudio preamble bit does not gene e an interru onAudio preamble bit generates an interrupt. ask NoStream Mask BiPhase/Parity Mask an interrupt. 1 = RxValidity bit generates an interrupt. Emphasis Mask Masks the emphasis bit from generating an in 0 = Emphasis bit does not generate an interrupt. 1 = Emphasis bit generates an interrupt. NonAudio Mas Masks the NonAudio bit from generating NonAudio Preamble Masks the No Mask rat pt. 1 = N CRCError M Masks the CRCError bit from generating an interrupt. 0 = CRCError bit does not generate an interrupt. 1 = CRCError bit generates an interrupt. Masks the NoStream bit from generating an interrupt. 0 = NoStream bit does not generate an interrupt. 1 = NoStream bit generates an interrupt. Masks the BiPhase/Parity bit from generating 0 = BiPhase/Parity bit does not generate an interrupt. 1 = BiPhase/Parity bit generates an interrupt. Lock Mask Masks the Lock bit from generating an interrupt. 0 = Lock bit does not generate an interrupt. 1 = Lock bit generates an interrupt. Table 41. Sample Rate Co RES RES RES RES TOO_SLOW OVRL OVRR MUTE_IND nverter Error Register (Read Only) 7 6 5 4 3 2 1 0 ADDRESS = 0011010 (0x1A) TOO_SLOW This bit is set, when the clock to the SRC is too slow, that is, there are not enough clock cycles to complete the internal convolution. OVRL This bit is set, when the left output data of the sample rate converter has gone over the full-scale range and has been clipped. This bit is not cleared until the register is read. OVRR This bit is set, when the right output data of the sample rate converter has gone over the full-scale range and has been clipped. This bit is not cleared until the register is read. MUTE_IND Mute indicated. This bit is set, when the SRC is in fast mode and clicks or pops can be heard in the SRC output data. The output of the SRC can be muted, if required, until the SRC is in slow mode. Once read, this bit remains in its state and does not generate an interrupt until it has changed state. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |