Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADAV803ASTZ Datasheet(PDF) 50 Page - Analog Devices

Part # ADAV803ASTZ
Description  Audio Codec for Recordable DVD
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV803ASTZ Datasheet(HTML) 50 Page - Analog Devices

Back Button ADAV803ASTZ Datasheet HTML 46Page - Analog Devices ADAV803ASTZ Datasheet HTML 47Page - Analog Devices ADAV803ASTZ Datasheet HTML 48Page - Analog Devices ADAV803ASTZ Datasheet HTML 49Page - Analog Devices ADAV803ASTZ Datasheet HTML 50Page - Analog Devices ADAV803ASTZ Datasheet HTML 51Page - Analog Devices ADAV803ASTZ Datasheet HTML 52Page - Analog Devices ADAV803ASTZ Datasheet HTML 53Page - Analog Devices ADAV803ASTZ Datasheet HTML 54Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 56 page
background image
ADAV803
Rev. 0 | Page 50 of 56
LK1
LK0
DIV
Table 73. PLL Control Register 1
DIRIN_C
DIRIN_C
MCLKO
PLLDIV
PLL2PD
PLL1PD
XTLPD
SYSCLK3
7
6
5
4
3
2
1
0
ADDRESS = 1110100 (0x74)
DIRIN_CLK1-0
nt to SYSCLK3.
Recovered SPDIF clock se
00 = SYSCLK3 comes from PLL block.
.
the recovered SPDIF clock from DIRIN.
CLKODIV
generate MCLKO.
.
y 2 to generate the PLL master clock.
.
LL2.
own.
n XTAL oscillator.
down.
for SYSCLK3.
01 = Reserved
10 = Reserved.
11 = SYSCLK3 is
M
Divide input MCLK by 2 to
0 = Disabled.
1 = Enabled
PLLDIV
Divide XIN b
0 = Disabled.
1 = Enabled
PLL2PD
Power-down P
0 = Normal.
1 = Power-down.
PLL1PD
Power-down PLL1.
0 = Normal.
1 = Power-d
XTLPD
Power-dow
0 = Normal.
1 = Power-
SYSCLK3
Clock output
0 = 512 × fS.
1 = 256 × fS.
Table 74. PLL Control Register 2
SEL2
DOUB2
FS1
FS0
SEL1
DOUB1
FS2_1
FS2_0
7
6
5
4
3
2
1
0
ADDRESS = 1110101 (0x75)
FS2_1–0
Sampl rate se
t for PLL2.
e
lec
00 = 48 kHz.
z.
.
io select for PLL2.
UB2
lected sample rate on PLL2.
d.
select for PLL1.
rved.
.
11 = 44.1 kHz.
SEL1
Oversample ratio select for PLL1.
0 = 256 × fS.
1 = 384 × fS.
DOUB1
Double-selected sample rate on PLL1.
0 = Disabled.
1 = Enabled.
01 = Reserved.
10 = 32 kH
11 = 44.1 kHz
SEL2
Oversample rat
0 = 256 × fS.
1 = 384 × fS.
DO
Double-se
0 = Disabled.
1 = Enable
FS1–0
Sample rate
00 = 48 kHz.
01 = Rese
10 = 32 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com