| Electronic Components Datasheet Search |
|
ADAV803ASTZ Datasheet(PDF) 41 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADAV803ASTZ Datasheet(HTML) 41 Page - Analog Devices |
|
41 / 56 page ![]() ADAV803 Rev. 0 | Page 41 of 56 sk Register RES RES RES RES OVRL Mask sk E_ Table 42. Sample Rate Converter Error Ma RES OVRR Ma MUT IND MASK 7 6 3 2 0 5 4 1 ADDRESS = 0011011 (0x1B) OVRL Mask Masks the OVRL from generating an interrupt. 0 = OVRL bit does not generate an interrupt. 1 = OVRL bit generates an interrupt. OVRR Mask Masks the OVRR from generating an interrupt. ASK interrupt. 0 = OVRR bit does not generate an interrupt. 1 = OVRR bit generates an interrupt. Reserved. MUTE_IND M Masks the MUTE_IND from generating an 0 = MUTE_IND bit does not generate an interrupt. 1 = MUTE_IND bit generates an interrupt. Table 43. Interrupt St TxCSINT RxCSDIFF RxUBINT RxCSBINT RxERROR atus Register SRCError TxCSTINT TxUBINT 7 6 5 4 3 2 1 0 ADDRESS = 0011100 (0x1C) SRCError This bit is set, if one of the sample rate converter interrupts is asserted, and the host should immediately read the gh until the interrupt status register is read. sample rate converter error register. This bit remains hi TxCSTINT This bit is set, if a write to the transmitter channel status buffer was made while transmitter channel status bits were fer to the SPDIF transmit buffer. his bit remains high until the interrupt status register is read. it buffer has transmitted its block of channel status. This bit remains ceiver Channel Status B clock. This bit remains high until read, but does not generate an interrupt. eiver user bit buffer has a new block or message. This bit remains high until the interrupt RxCSBIN it is set, if block of c tus is rea O 0, or if the s when BCONF3 = 1. is bit remains gh until the interrupt status register is read. is set, if one of the AES3/SPDIF receiver interrupts is asserted, and the host should immediately read the ins high until the interrupt status register is read. being copied from the transmitter CS buf TxUBINT This bit is set, if the SPDIF transmit buffer is empty. T TxCSINT This bit is set, if the transmitter channel status b high until the interrupt status register is read. This bit is set, if the receiver Channel Status A block is different from the re RxCSDIFF RxUBINT This bit is set, if the rec status register is read. T This b a new hannel sta d when RxBC NF3 = channel status ha changed Rx Th hi RxERROR This bit receiver error register. This bit rema |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |