Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VR4102 Datasheet(PDF) 178 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 178 Page - NEC

Back Button VR4102 Datasheet HTML 174Page - NEC VR4102 Datasheet HTML 175Page - NEC VR4102 Datasheet HTML 176Page - NEC VR4102 Datasheet HTML 177Page - NEC VR4102 Datasheet HTML 178Page - NEC VR4102 Datasheet HTML 179Page - NEC VR4102 Datasheet HTML 180Page - NEC VR4102 Datasheet HTML 181Page - NEC VR4102 Datasheet HTML 182Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 701 page
background image
CHAPTER 6 EXCEPTION PROCESSING
178
6.4.5 Soft Reset Exception
Cause
A Soft Reset (sometimes called Warm Reset) occurs when the ColdReset# signal remains deasserted while the
Reset# signal goes from assertion to deassertion (for details, see Chapter 7).
A Soft Reset immediately resets all state machines, and sets the SR bit of the Status register. Execution begins
at the reset vector when the reset is deasserted. This exception is not maskable.
Caution In the VR4102, a soft reset never occurs.
Processing
The CPU provides a special interrupt vector for this exception (same location as Cold Reset):
4 0xBFC0 0000 (virtual) in 32-bit mode
4 0xFFFF FFFF BFC0 0000 (virtual) in 64-bit mode
This vector is located within unmapped and uncached address space, so that the cache and TLB need not be
initialized to process this exception. The SR bit of the Status register is set to 1 to distinguish this exception from
a Cold Reset exception.
When this exception occurs, the contents of all registers are preserved except for the following registers:
4 When ERL bit of the Status register is 0, the program counter’s value at the exception occurrence is saved
to the EPC register.
4 TS bit of the Status register is cleared to 0.
4 ERL, SR, and BEV bits of the Status register are set to 1.
During a soft reset, access to the operating cache or system interface is aborted. This means that the contents of
the cache and memory will be undefined if a Soft Reset occurs.
Servicing
The Soft Reset exception is serviced by:
4 Preserving the current processor states for diagnostic tests
4 Reinitializing the system in the same way as for a Cold Reset exception



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com