Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VR4102 Datasheet(PDF) 174 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 174 Page - NEC

Back Button VR4102 Datasheet HTML 170Page - NEC VR4102 Datasheet HTML 171Page - NEC VR4102 Datasheet HTML 172Page - NEC VR4102 Datasheet HTML 173Page - NEC VR4102 Datasheet HTML 174Page - NEC VR4102 Datasheet HTML 175Page - NEC VR4102 Datasheet HTML 176Page - NEC VR4102 Datasheet HTML 177Page - NEC VR4102 Datasheet HTML 178Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 701 page
background image
CHAPTER 6 EXCEPTION PROCESSING
174
Table 6-3. 64-Bit Mode Exception Vector Base Addresses
Vector base address (virtual)
Vector offset
Cold Reset
Soft Reset
NMI
0xFFFF FFFF BFC0 0000
(BEV is automatically set to 1)
0x0000
Cache Error
0xFFFF FFFF A000 0000 (BEV = 0)
0xFFFF FFFF BFC0 0200 (BEV = 1)
0x0100
TLB Refill (EXL = 0)
0xFFFF FFFF 8000 0000 (BEV = 0)
0x0000
XTLB Refill (EXL = 1)
0xFFFF FFFF BFC0 0200 (BEV = 1)
0x0080
Other exceptions
0x0180
Table 6-4. 32-Bit Mode Exception Vector Base Addresses
Vector base address (virtual)
Vector offset
Cold Reset
Soft Reset
NMI
0xBFC0 0000
(BEV is automatically set to 1)
0x0000
Cache Error
0xA000 0000 (BEV = 0)
0xBFC0 0200 (BEV = 1)
0x0100
TLB Refill (EXL = 0)
0x8000 0000 (BEV = 0)
0x0000
XTLB Refill (EXL = 1)
0xBFC0 0200 (BEV = 1)
0x0080
Other exceptions
0x0180
Examples 1. TLB Refill Exception Vector
When BEV bit = 0, the vector base address (virtual) for the TLB Refill exception is in kseg0
(unmapped) space.
— 0x8000 0000 in 32-bit mode
— 0xFFFF FFFF 8000 0000 in 64-bit mode
When BEV bit = 1, the vector base address (virtual) for the TLB Refill exception is in kseg1 (uncached,
unmapped) space.
— 0xBFC0 0200 in 32-bit mode
— 0xFFFF FFFF BFC0 0200 in 64-bit mode
This is an uncached, non-TLB-mapped space, allowing the exception handler to bypass the cache and
TLB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com