Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VR4102 Datasheet(PDF) 173 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 173 Page - NEC

Back Button VR4102 Datasheet HTML 169Page - NEC VR4102 Datasheet HTML 170Page - NEC VR4102 Datasheet HTML 171Page - NEC VR4102 Datasheet HTML 172Page - NEC VR4102 Datasheet HTML 173Page - NEC VR4102 Datasheet HTML 174Page - NEC VR4102 Datasheet HTML 175Page - NEC VR4102 Datasheet HTML 176Page - NEC VR4102 Datasheet HTML 177Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 701 page
background image
CHAPTER 6 EXCEPTION PROCESSING
173
6.4 DETAILS OF EXCEPTIONS
This section describes causes, processes, and services of the VR4102’s exceptions.
6.4.1 Exception Types
This section gives sample exception handler operations for the following exception types:
— Cold Reset
— Soft Reset
— NMI
— Cache error
— Remaining processor exceptions
When the EXL and ERL bits in the Status register are 0, either User, Supervisor, or Kernel operating mode is
specified by the KSU bits in the Status register. When either the EXL or ERL bit is set to 1, the processor is in
Kernel mode.
When the processor takes an exception, the EXL bit is set to 1, meaning the system is in Kernel mode. After
saving the appropriate state, the exception handler typically resets the EXL bit back to 0. The exception handler
sets the EXL bit to 1 so that the saved state is not lost upon the occurrence of another exception while the saved
state is being restored.
Returning from an exception also resets the EXL bit to 0. For details, see Chapter 27.
6.4.2 Exception Vector Locations
The Cold Reset, Soft Reset, and NMI exceptions are always branched to the following reset exception vector
address (virtual). This address is in an uncached, unmapped space.
— 0xBFC0 0000 in 32-bit mode
— 0xFFFF FFFF BFC0 0000 in 64-bit mode
Addresses for the remaining exceptions are a combination of a vector offset and a base address.
64-/32-bit mode exception vectors and their offsets are shown below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com