Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VR4102 Datasheet(PDF) 170 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 170 Page - NEC

Back Button VR4102 Datasheet HTML 166Page - NEC VR4102 Datasheet HTML 167Page - NEC VR4102 Datasheet HTML 168Page - NEC VR4102 Datasheet HTML 169Page - NEC VR4102 Datasheet HTML 170Page - NEC VR4102 Datasheet HTML 171Page - NEC VR4102 Datasheet HTML 172Page - NEC VR4102 Datasheet HTML 173Page - NEC VR4102 Datasheet HTML 174Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 701 page
background image
CHAPTER 6 EXCEPTION PROCESSING
170
6.3.10 Parity Error Register (26)
The read/write Parity Error (PErr) register contains the cache data parity bits for cache initialization, cache
diagnostics, or cache error processing.
The PErr register is loaded by the Index_Load_Tag CACHE instruction. All bits of the parity field are valid on the
data cache operation because data cache employs byte parity (1-bit parity for 1 byte). But a LSB of the parity field is
valid on the instruction cache operation because instruction cache employs word parity (1-bit parity for 1 word).
The contents of the PErr register are:
— written into the on-chip data cache on store instructions (instead of the computed parity) when the CE bit of
the Status register is set to 1
— substituted for the computed parity for the CACHE Fill instruction
In the VR4102, parity check is performed only for cache memory.
It is not performed for main memory or peripheral units.
Figure 6-11 shows the format of the PErr register.
Figure 6-11. Parity Error Register Format
8
24
0
31
8
7
0
Parity
Parity : Specifies the 8-bit parity data to be read from or written to the on-chip cache.
0
: Reserved for future use. Write 0 in a write operation. When this field is read, 0 is read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com