Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VR4102 Datasheet(PDF) 166 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 166 Page - NEC

Back Button VR4102 Datasheet HTML 162Page - NEC VR4102 Datasheet HTML 163Page - NEC VR4102 Datasheet HTML 164Page - NEC VR4102 Datasheet HTML 165Page - NEC VR4102 Datasheet HTML 166Page - NEC VR4102 Datasheet HTML 167Page - NEC VR4102 Datasheet HTML 168Page - NEC VR4102 Datasheet HTML 169Page - NEC VR4102 Datasheet HTML 170Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 701 page
background image
CHAPTER 6 EXCEPTION PROCESSING
166
Table 6-2. Cause Register Exception Code Field
Exception code
Mnemonic
Description
0
Int
Interrupt exception
1
Mod
TLB Modified exception
2
TLBL
TLB Refill exception (load or fetch)
3
TLBS
TLB Refill exception (store)
4
AdEL
Address Error exception (load or fetch)
5
AdES
Address Error exception (store)
6
IBE
Bus Error exception (instruction fetch)
7
DBE
Bus Error exception (data load or store)
8
Sys
System Call exception
9
Bp
Breakpoint exception
10
RI
Reserved Instruction exception
11
CpU
Coprocessor Unusable exception
12
Ov
Integer Overflow exception
13
Tr
Trap exception
14 to 22
•
Reserved for future use
23
WATCH
Watch exception
24 to 31
•
Reserved for future use
The VR4102 has eight interrupt request sources, IP7 to IP0.
For the detailed description of interrupts, refer to Chapter 9.
(1) IP7
This bit indicates whether there is a timer interrupt request.
It is set when the values of Count register and Compare register match.
(2) IP6 to IP2
IP6 to IP2 reflect the state of the interrupt request signal of the CPU core.
(3) IP1 and IP0
These bits are used to set/clear a software interrupt request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com