Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VR4102 Datasheet(PDF) 164 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 164 Page - NEC

Back Button VR4102 Datasheet HTML 160Page - NEC VR4102 Datasheet HTML 161Page - NEC VR4102 Datasheet HTML 162Page - NEC VR4102 Datasheet HTML 163Page - NEC VR4102 Datasheet HTML 164Page - NEC VR4102 Datasheet HTML 165Page - NEC VR4102 Datasheet HTML 166Page - NEC VR4102 Datasheet HTML 167Page - NEC VR4102 Datasheet HTML 168Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 701 page
background image
CHAPTER 6 EXCEPTION PROCESSING
164
(1) Interrupt enable
Interrupts are enabled when all of the following conditions are true:
— IE is set to 1.
— EXL is cleared to 0.
— ERL is cleared to 0.
— The appropriate bit of the IM is set to 1.
(2) Operating modes
The following Status register bit settings are required for User, Kernel, and Supervisor modes.
— The processor is in User mode when KSU = 10, EXL = 0, and ERL = 0.
— The processor is in Supervisor mode when KSU = 01, EXL = 0, and ERL = 0.
— The processor is in Kernel mode when KSU = 00, EXL = 1, or ERL = 1.
(3) 32- and 64-bit modes
The following Status register bit settings select 32- or 64-bit operation for User, Kernel, and Supervisor
operating modes. Enabling 64-bit operation permits the execution of 64-bit opcodes and translation of 64-bit
addresses. 64-bit operation for User, Kernel and Supervisor modes can be set independently.
— 64-bit addressing for Kernel mode is enabled when KX bit = 1. 64-bit operations are always valid in Kernel
mode.
— 64-bit addressing and operations are enabled for Supervisor mode when SX bit = 1.
— 64-bit addressing and operations are enabled for User mode when UX bit = 1.
(4) Kernel address space accesses
Access to the kernel address space is allowed when the processor is in Kernel mode.
(5) Supervisor address space accesses
Access to the supervisor address space is allowed when the processor is in Supervisor or Kernel mode.
(6) User address space accesses
Access to the user address space is allowed in any of the three operating modes.
(7) Status after reset
The contents of the Status register are undefined after resets, except for the following bits.
x TS and SR are cleared to 0.
x ERL and BEV are set to 1.
x SR is 0 after Cold reset, and is 1 after Soft reset or NMI interrupt.
Remark
Cold reset and Soft reset are CPU core reset (see 7.4 RESET OF THE CPU CORE). For the reset of
all the VR4102 including peripheral units, refer to CHAPTER 7 INITIALIZATION INTERFACE and
CHAPTER 15 PMU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com