Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VR4102 Datasheet(PDF) 165 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 165 Page - NEC

Back Button VR4102 Datasheet HTML 161Page - NEC VR4102 Datasheet HTML 162Page - NEC VR4102 Datasheet HTML 163Page - NEC VR4102 Datasheet HTML 164Page - NEC VR4102 Datasheet HTML 165Page - NEC VR4102 Datasheet HTML 166Page - NEC VR4102 Datasheet HTML 167Page - NEC VR4102 Datasheet HTML 168Page - NEC VR4102 Datasheet HTML 169Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 701 page
background image
CHAPTER 6 EXCEPTION PROCESSING
165
6.3.6 Cause Register (13)
The 32-bit read/write Cause register holds the cause of the most recent exception.
A 5-bit exception code
indicates one of the causes (see Table 6-2). Other bits holds the detailed information of the specific exception. All
bits in the Cause register, with the exception of the IP1 and IP0 bits, are read-only; IP1 and IP0 are used for software
interrupts. Figure 6-7 shows the fields of this register; Table 6-2 describes the Cause register codes.
Figure 6-7. Cause Register Format
8
27
16 15
6
7
2
1
0
12
8
1
5
2
31 30 29 28
BD
0
CE
2
1
1
0
IP(7..0)
0
ExcCode
0
BD
: Indicates whether the most recent exception occurred in the branch delay slot (1
→ In delay slot, 0
→ Normal).
CE
: Indicates the coprocessor number in which a Coprocessor Unusable exception occurred.
This field will remain undefined for as long as no exception occurs.
IP
: Indicates whether an interrupt is pending (1
→ Interrupt pending, 0 → No interrupt pending).
IM7
: A timer interrupt.
IM(6:2)
: Ordinary interrupts (Int(4:0)
Note). However, Int4Note never occurs in the VR4102.
IM(1:0)
: Software interrupts. Only these bits cause an interrupt exception, when they are set to 1
by means of software.
Note Int(4:0) are internal signals of the VR4100 CPU core. For details about connection to the on-
chip peripheral units, refer to Chapter 14.
ExcCode : Exception code field (refer to Table 6-2 for details)
0
: Reserved for future use. Write 0 in a write operation. When this field is read, 0 is read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com