Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VR4102 Datasheet(PDF) 196 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 196 Page - NEC

Back Button VR4102 Datasheet HTML 192Page - NEC VR4102 Datasheet HTML 193Page - NEC VR4102 Datasheet HTML 194Page - NEC VR4102 Datasheet HTML 195Page - NEC VR4102 Datasheet HTML 196Page - NEC VR4102 Datasheet HTML 197Page - NEC VR4102 Datasheet HTML 198Page - NEC VR4102 Datasheet HTML 199Page - NEC VR4102 Datasheet HTML 200Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 701 page
background image
CHAPTER 6 EXCEPTION PROCESSING
196
Figure 6-16. Cache Error Exception Handler
The Cache Error exception can be masked by setting the DE (SR16) bit to 1. When ERL = 1, Cache
Error exceptions are masked.
Instruction
in branch delay
slot?
Set cache
error register
No
Yes
BD bit
← 1
Error EPC
← PC – 4
BD bit
← 0
Error EPC
← PC
BEV
(SR22)
PC
← 0xFFFF FFFF A000 0000 + 100
(Unmapped, uncached space)
= 0 (normal)
= 1 (bootstrap)
ERL
← 1
Servicing by exception routine
ERET
Remark
PC
← 0xFFFF FFFF BFC0 0200 + 100
(Unmapped, uncached space)
Start
Hardware
Software
No
Yes
ERL = 1?
(SR2)
; Check for multple exceptions
; The execution of the ERET instruction is disabled in the branch delay
slots of other jump instructions.
; The processor does not execute an instruction in the branch delay slot
of the ERET instruction.
; PC
← Error EPC, ERL ← 0
; The Cache Error and TLB-related Error exceptions do not occur because
of unmapped/uncache vector.
; The occurence of the Watch and Interrupt exceptions is disabled by
setting ERL = 1.
; Other exceptions are avoided in the OS programs.
; However, the Cold reset, Soft reset, and NMI exceptions are enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com