Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VR4102 Datasheet(PDF) 199 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 199 Page - NEC

Back Button VR4102 Datasheet HTML 195Page - NEC VR4102 Datasheet HTML 196Page - NEC VR4102 Datasheet HTML 197Page - NEC VR4102 Datasheet HTML 198Page - NEC VR4102 Datasheet HTML 199Page - NEC VR4102 Datasheet HTML 200Page - NEC VR4102 Datasheet HTML 201Page - NEC VR4102 Datasheet HTML 202Page - NEC VR4102 Datasheet HTML 203Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 701 page
background image
199
CHAPTER 7 INITIALIZATION INTERFACE
This chapter describes the initialization interface and processor modes.
It also explains the reset signal
descriptions and types, signal- and timing-related dependence, and the initialization sequence during each mode
that can be selected by the user.
Remark
# that follows signal names indicates active low.
7.1 RESET FUNCTION
There are five ways to reset the VR4102. Each is summarized below.
7.1.1 RTC Reset
During power-on, set the RTCRST# pin as active. After waiting (about 600 ms) for the 32.768-kHz oscillator to
begin oscillating when the power supply is stable at 3.0 V or above, setting the RTCRST# pin as inactive causes the
RTC unit to begin counting. Next, when the POWER pin, DCD# pin, or GPIO[3] pin becomes inactive, the VR4102
asserts the POWERON pin and uses the BATTINH/BATTINT# signal to perform a battery level check. If the battery
check’s result is OK, the VR4102 asserts the MPOWER pin and waits for the stabilization time period (about 350 ms)
for the external agent’s DC/DC converter, then begins PLL oscillation and starts all clocks (a period of about 16 ms
following the start of PLL oscillation is required for stabilization of PLL oscillation).
An RTC reset does not save any of the status information and it completely initializes the processor’s internal
state. Since the DRAM is not switched to self refresh mode, the contents of DRAM after an RTC reset are not at all
guaranteed.
After a reset, the processor becomes the system bus master and it begins the Cold reset exception sequence to
access the reset vectors in the ROM space. Since only part of the internal status is reset when a reset occurs in the
VR4102, the processor should be completely initialized by software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com