Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VR4102 Datasheet(PDF) 201 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 201 Page - NEC

Back Button VR4102 Datasheet HTML 197Page - NEC VR4102 Datasheet HTML 198Page - NEC VR4102 Datasheet HTML 199Page - NEC VR4102 Datasheet HTML 200Page - NEC VR4102 Datasheet HTML 201Page - NEC VR4102 Datasheet HTML 202Page - NEC VR4102 Datasheet HTML 203Page - NEC VR4102 Datasheet HTML 204Page - NEC VR4102 Datasheet HTML 205Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 701 page
background image
CHAPTER 7 INITIALIZATION INTERFACE
201
7.1.2 RSTSW
After the RSTSW# pin becomes active and then becomes inactive 100
Ps later, the VR4102 starts PLL oscillation
and starts all clocks (a period of about 16 ms following the start of PLL oscillation is required for stabilization of PLL
oscillation).
A reset by RSTSW initializes the entire internal state except for the RTC timer and the PMU. Since the DRAM is
not switched to self refresh mode, the contents of DRAM after an RTC reset are not at all guaranteed.
After a reset, the processor becomes the system bus master and it begins the Cold reset exception sequence to
access the reset vectors in the ROM space. Since only part of the internal status is reset when a reset occurs in the
VR4102, the processor should be completely initialized by software.
Figure 7-2. RSTSW
H
L
Reset#(internal)
ColdReset#(internal
MPOWER(o)
POWER(i)
RTC
(internal, 32kHz)
Stable oscillation
16MasterClock
Note
16ms
>3RTC
PLL(internal)
Undefined
RSTSW#(i)
MRAS(0:3)#(o)
UCAS#/LCAS#(o)
Stable oscillation
Stable oscillation
Note MasterClock is the basic clock used in the CPU core.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com