Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VR4102 Datasheet(PDF) 203 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 203 Page - NEC

Back Button VR4102 Datasheet HTML 199Page - NEC VR4102 Datasheet HTML 200Page - NEC VR4102 Datasheet HTML 201Page - NEC VR4102 Datasheet HTML 202Page - NEC VR4102 Datasheet HTML 203Page - NEC VR4102 Datasheet HTML 204Page - NEC VR4102 Datasheet HTML 205Page - NEC VR4102 Datasheet HTML 206Page - NEC VR4102 Datasheet HTML 207Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 701 page
background image
CHAPTER 7 INITIALIZATION INTERFACE
203
7.1.4 Software Shutdown
When the software executes the HIBERNATE instruction, the VR4102 sets the DRAM to self refresh mode and
sets the MPOWER pin as inactive, then enters reset status. Recovery from reset status occurs when the POWER
pin is asserted, when a WakeUpTimer interrupt occurs, or when the DCD# pin is asserted.
A reset by software shutdown initializes the entire internal state except for the RTC timer and the PMU.
After a reset, the processor becomes the system bus master and it begins the Cold reset exception sequence to
access the reset vectors in the ROM space. Since only part of the internal status is reset when a reset occurs in the
VR4102, the processor should be completely initialized by software.
Figure 7-4. Software Shutdown
Reset#(internal)
ColdReset#(internal)
MPOWER(o)
POWER(i)
MRAS(0:3)#/
UCAS#/LCAS#
(o)
RTC
(internal, 32kHz)
Stable oscillation
16MasterClock
Note
16ms
350ms
Undefined
PLL(internal)
>32ms
POWERON(o)
Stopped
Stable oscillation
Note MasterClock is the basic clock used in the CPU core.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com