Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VR4102 Datasheet(PDF) 207 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 207 Page - NEC

Back Button VR4102 Datasheet HTML 203Page - NEC VR4102 Datasheet HTML 204Page - NEC VR4102 Datasheet HTML 205Page - NEC VR4102 Datasheet HTML 206Page - NEC VR4102 Datasheet HTML 207Page - NEC VR4102 Datasheet HTML 208Page - NEC VR4102 Datasheet HTML 209Page - NEC VR4102 Datasheet HTML 210Page - NEC VR4102 Datasheet HTML 211Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 701 page
background image
CHAPTER 7 INITIALIZATION INTERFACE
207
7.3 RESET OF THE CPU CORE
This section describes the reset sequence of the VR4100 CPU core. For details about factors of reset or reset of
the whole VR4102, refer to 7.1 and Chapter 15.
7.3.1 Cold Reset
In the VR4102, a cold reset sequence is executed in the CPU core in the following cases:
x RTC reset
x RSTSW reset
x Deadman’s SW shutdown
x Software shutdown
x HAL Timer shutdown
x Battery low shutdown
x Battery lock release shutdown
A Cold Reset completely initializes the CPU core, except for the following register bits.
x The TS and SR bits of the Status register are cleared to 0.
x The ERL and BEV bits of the Status register are set to 1.
x The upper limit value (31) is set in the Random register.
x The Wired register is initialized to 0.
x Bits 31 to 28 of the Config register are set to 0 and bits 22 to 3 to 0x04800; the other bits are undefined.
x The values of the other registers are undefined.
Once power to the processor is established, the ColdReset# (internal) and the Reset# (internal) signals are
asserted and a Cold Reset is started. After approximately 2 ms assertion, the ColdReset# signal is deasserted
synchronously with MasterOut. Then the Reset# signal is deasserted synchronously with MasterOut, and the Cold
Reset is completed.
Upon reset, the CPU core becomes bus master and drives the SysAD bus (internal). After Reset# is deasserted,
the CPU core branches to the Reset exception vector and begins executing the reset exception code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com