Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VR4102 Datasheet(PDF) 210 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 210 Page - NEC

Back Button VR4102 Datasheet HTML 206Page - NEC VR4102 Datasheet HTML 207Page - NEC VR4102 Datasheet HTML 208Page - NEC VR4102 Datasheet HTML 209Page - NEC VR4102 Datasheet HTML 210Page - NEC VR4102 Datasheet HTML 211Page - NEC VR4102 Datasheet HTML 212Page - NEC VR4102 Datasheet HTML 213Page - NEC VR4102 Datasheet HTML 214Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 701 page
background image
CHAPTER 7 INITIALIZATION INTERFACE
210
7.4 VR4102 PROCESSOR MODES
The VR4102 supports various modes, which can be selected by the user. The CPU core mode is set each time a
write occurs in the Status register and Config register. The on-chip peripheral unit mode is set by writing to the I/O
register.
This section describes the CPU core’s operation modes. For operation modes of on-chip peripheral units, see the
chapters describing the various units.
7.4.1 Power Modes
The VR4102 supports four power modes: Fullspeed mode, Standby mode, Suspend mode, and Hibernate mode.
(1) Fullspeed Mode
This is the normal operation mode.
The VR4102’s default status sets operation under Fullspeed mode. After the processor is reset, the VR4102
returns to Fullspeed mode.
(2) Standby Mode
When a STANDBY instruction has been executed, the processor can be set to Standby mode. During Standby
mode, all of the internal clocks in the CPU core except for the timer and interrupt clocks are held at high level.
The peripheral units all operate as they do during Fullspeed mode.
This means that DMA operations are
enabled during Standby mode.
When the STANDBY instruction completes the WB stage, the VR4102 remains idle until the SysAD internal bus
enters the idle state.
Next, the clocks in the CPU core are shut down and pipeline operation is stopped.
However, the PLL, timer, and interrupt clocks continue to operate, as do the internal bus clocks (TClock and
MasterOut).
During Standby mode, the processor is returned to Fullspeed mode if any interrupt occurs, including a timer
interrupt that occurs internally.
(3) Suspend Mode
When the SUSPEND instruction has been executed, the processor can be set to Suspend mode.
During
Suspend mode, the processor stalls the pipeline and supplying all of the internal clocks in the CPU core except
for PLL timer and interrupt clocks are stopped. The VR4102 stops supplying TClock to peripheral units.
Accordingly, during Suspend mode peripheral units can only be activated by a special interrupt unit (DCD#
control, etc.). While in this mode, the register and cache contents are retained.
When the SUSPEND instruction completes the WB stage, the VR4102 switches the DRAM to self refresh mode
and then waits for the SysAD internal bus to enter the idle state. Next, the clocks in the CPU core are shut down
and pipeline operation is stopped. The VR4102 then stops supplying TClock to peripheral units. However, the
PLL, timer, and interrupt clocks continue to operate, as do the MasterOut.
The processor remains in Suspend mode until an interrupt is received, at which time it returns to Fullspeed
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com