Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VR4102 Datasheet(PDF) 208 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 208 Page - NEC

Back Button VR4102 Datasheet HTML 204Page - NEC VR4102 Datasheet HTML 205Page - NEC VR4102 Datasheet HTML 206Page - NEC VR4102 Datasheet HTML 207Page - NEC VR4102 Datasheet HTML 208Page - NEC VR4102 Datasheet HTML 209Page - NEC VR4102 Datasheet HTML 210Page - NEC VR4102 Datasheet HTML 211Page - NEC VR4102 Datasheet HTML 212Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 701 page
background image
CHAPTER 7 INITIALIZATION INTERFACE
208
7.3.2 Soft Reset
Caution
Soft Reset is not supported in the present VR4102.
A Soft Reset initializes the CPU core without affecting the clocks; in other words, a Soft Reset is a logic reset. In a
Soft Reset, the CPU core retains as much state information as possible; all state information except for the following
is retained:
x The TS bit of the Status register is cleared to 0.
x The SR, ERL and BEV bits of the Status register are set to 1.
x The Count register is initialized to 0.
x The IP7 bit of the Cause register is cleared to 0.
x Any Interrupts generated on the SysAD bus are cleared.
x NMI is cleared.
x The Config register is initialized.
A Soft Reset is started by assertion of the Reset# signal, and is completed at the deassertion of the Reset# signal
synchronized with MasterOut. In general, data in the CPU core is preserved for debugging purpose.
Upon reset, the CPU core becomes bus master and drives the SysAD bus (internal). After Reset# is deasserted,
the CPU core branches to the Reset exception vector and begins executing the reset exception code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com