Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VR4102 Datasheet(PDF) 205 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 205 Page - NEC

Back Button VR4102 Datasheet HTML 201Page - NEC VR4102 Datasheet HTML 202Page - NEC VR4102 Datasheet HTML 203Page - NEC VR4102 Datasheet HTML 204Page - NEC VR4102 Datasheet HTML 205Page - NEC VR4102 Datasheet HTML 206Page - NEC VR4102 Datasheet HTML 207Page - NEC VR4102 Datasheet HTML 208Page - NEC VR4102 Datasheet HTML 209Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 701 page
background image
CHAPTER 7 INITIALIZATION INTERFACE
205
7.2 POWERON SEQUENCE
The factors that cause the VR4102 to switch from hibernate mode or shutdown mode to full speed mode are
called power-on factors. There are four power-on factors: assertion of the POWERON pin, assertion of the DCD#
pin, activation of the wakeup timer, and assertion of the GPIO pins (GPIO[3..0], GPIO[12..9]). When an activation
factor occurs, the VR4102 asserts the POWERON pin, then provides notification to external agents that the VR4102
is ready for power-on. Three RTC clocks after the POWERON pin is asserted, the VR4102 checks the state of the
BATTINH/BATTINT# pin. If the BATTINH/BATTINT# pin’s state is low, the POWERON pin is deasserted one RTC
clock after the BATTINH/BATTINT# pin check is completed, then the VR4102 is not activated.
If the
BATTINH/BATTINT# pin’s state is high, the POWERON pin is deasserted three RTC clocks after the
BATTINH/BATTINT# pin check is completed, then the MPOWER pin is asserted and the VR4102 is activated.
Figure 7-6 shows a timing chart of VR4102 activation and Figure 7-7 shows a timing chart of when activation fails
due to the BATTINH/BATTINT# pin’s “low” state.
For details of poweron sequence according to each power-on factor, refer to chapter 15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com