Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VR4102 Datasheet(PDF) 202 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 202 Page - NEC

Back Button VR4102 Datasheet HTML 198Page - NEC VR4102 Datasheet HTML 199Page - NEC VR4102 Datasheet HTML 200Page - NEC VR4102 Datasheet HTML 201Page - NEC VR4102 Datasheet HTML 202Page - NEC VR4102 Datasheet HTML 203Page - NEC VR4102 Datasheet HTML 204Page - NEC VR4102 Datasheet HTML 205Page - NEC VR4102 Datasheet HTML 206Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 701 page
background image
CHAPTER 7 INITIALIZATION INTERFACE
202
7.1.3 Deadman’s Switch
After the Deadman’s switch unit is enabled, if the Deadman’s switch is not cleared within the specified time
period, the VR4102 is immediately returned to reset status.
Setting and clearing of the Deadman’s switch is
performed by software.
A reset by the Deadman’s switch initializes the entire internal state except for the RTC timer and the PMU. Since
the DRAM is not switched to self refresh mode, the contents of DRAM after a Deadman’s switch reset are not at all
guaranteed.
After a reset, the processor becomes the system bus master and it begins the Cold reset exception sequence to
access the reset vectors in the ROM space. Since only part of the internal status is reset when a reset occurs in the
VR4102, the processor should be completely initialized by software.
Figure 7-3. Deadman’s Switch
L
H
H
Reset#(internal)
ColdReset#(internal)
MPOWER(o)
POWER(i)
RSTSW#(i)
RTC
(internal, 32kHz)
16MasterClock
Note
16ms
PLL(internal)
Undefined
Stable oscillation
Stable oscillation
Stable oscillation
Note MasterClock is the basic clock used in the CPU core.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com