Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VR4102 Datasheet(PDF) 215 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 215 Page - NEC

Back Button VR4102 Datasheet HTML 211Page - NEC VR4102 Datasheet HTML 212Page - NEC VR4102 Datasheet HTML 213Page - NEC VR4102 Datasheet HTML 214Page - NEC VR4102 Datasheet HTML 215Page - NEC VR4102 Datasheet HTML 216Page - NEC VR4102 Datasheet HTML 217Page - NEC VR4102 Datasheet HTML 218Page - NEC VR4102 Datasheet HTML 219Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 701 page
background image
CHAPTER 8 CACHE MEMORY
215
Figure 8-3. Cache Line Format
P
V
PTag
DataP
Data
DataP
Data
DataP
Data
DataP
Data
23
22
21
0
22
11
32
31
0
PTag
Physical tag
(bits 31 to 10 of the physical address)
When a tag is specified by the Cache
instruction, however, the high-order 20
bits are used.
V
Valid bit
P
Even parity for the Ptag and V bit
Data
I-cache data
DataP
Even parity for the data
(1-bit parity for 4-byte data)
8.2.2 Organization of the Data Cache (D-Cache)
Each line of D-cache data has an associated 26-bit tag that contains a 22-bit physical address, a Valid bit, a
Parity bit, a Write-back bit, and a parity bit for Write-back.
The VR4100 CPU core D-cache has the following characteristics :
— write-back
— direct-mapped
— indexed with a virtual address
— checked with a physical tag
— organized with a 4-word (16-byte) cache line.
Figure 8-4 shows the format of a 4-word (16-byte) D-cache line.
Figure 8-4. Data Cache Line Format
W’
W
DataP
Data
DataP
Data
23
22
21
0
22
11
71
63
0
PTag
Physical tag
(bits 31 to 10 of the physical address)
V
Valid bit
P
Even parity for the Ptag and V bit
W
Write-back bit
(set if cache line has been written)
W’
Even parity for the write-back bit
Data
D-cache data
DataP
Even parity for the data (1-bit parity for
4-byte data)
P
V
PTag
25
24
11
64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com