Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VR4102 Datasheet(PDF) 217 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 217 Page - NEC

Back Button VR4102 Datasheet HTML 213Page - NEC VR4102 Datasheet HTML 214Page - NEC VR4102 Datasheet HTML 215Page - NEC VR4102 Datasheet HTML 216Page - NEC VR4102 Datasheet HTML 217Page - NEC VR4102 Datasheet HTML 218Page - NEC VR4102 Datasheet HTML 219Page - NEC VR4102 Datasheet HTML 220Page - NEC VR4102 Datasheet HTML 221Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 701 page
background image
CHAPTER 8 CACHE MEMORY
217
8.3 CACHE OPERATIONS
As described earlier, caches provide fast temporary data storage, and they make the speedup of memory
accesses transparent to the user. In general, the CPU core accesses cache-resident instructions or data through
the following procedure:
1. The CPU core, through the on-chip cache controller, attempts to access the next instruction or data in the
appropriate cache.
2. The cache controller checks to see if this instruction or data is present in the cache.
— If the instruction/data is present, the CPU core retrieves it. This is called a cache hit.
— If the instruction/data is not present in the cache, the cache controller must retrieve it from memory. This is
called a cache miss.
3. The CPU core retrieves the instruction/data from the cache and operation continues.
It is possible for the same data to be in two places (main memory and cache) simultaneously. This data is kept
consistent through the use of a write-back methodology; that is, modified data is not written back to memory until the
cache line is to be replaced.
Instruction and data cache line replacement operations are described in the following sections.
8.3.1 Cache Write Policy
The VR4100 CPU core manages its data cache by using a write-back policy; that is, it stores write data into the
cache, instead of writing it directly to memory
Note. Some time later this data is independently written into memory. In
the VR4102 implementation, a modified cache line is not written back to the main memory until the cache line is to be
replaced either in the course of satisfying a cache miss, or during the execution of a write-back CACHE instruction.
When the CPU core writes a cache line back to the main memory, it does not ordinarily retain a copy of the cache
line, and the state of the cache line is changed to invalid.
Note
Write-through cache policy performs the function contrary to the write-back policy. Data written into memory
is also written into cache simultaneously.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com