Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT8601 Datasheet(PDF) 101 Page - List of Unclassifed Manufacturers

Part # VT8601
Description  Single-Chip Slot-1 / Socket-370 PCI North Bridge With Integrated AGP 2D / 3D Graphics Accelerator and Advanced Memory Controller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VT8601 Datasheet(HTML) 101 Page - List of Unclassifed Manufacturers

Back Button VT8601 Datasheet HTML 97Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 98Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 99Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 100Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 101Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 102Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 103Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 104Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 105Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 144 page
background image
VT8601 Apollo ProMedia
Revision 1.3 September 8, 1999
-95
VGA Extended Registers
7HFKQRORJLHV ,QF
:H&
:H&RRQQHFW
QQHFW
Hardware Cursor Registers
The ProMedia supports a Windows® compatible hardware
cursor. The hardware cursor operates only in extended planar
and packed pixel modes.
The cursor size can be selected
between 32x32 and 64x64.
Two 2-bits-per-pixel images
define the cursor shape. The table below shows how these
two bits operate on each pixel. The hardware cursor pattern
is stored in off-screen memory.
Table 11. Hardware Cursor Pixel Operation
Plane 0
(AND)
Plane 1
(XOR)
Pixel Operation
(Windows®)
Pixel Operation
(X11)
1
0
Transparent
Cursor BG Color
1
1
VGA Data Inversion
Cursor FG Color
0
1
Cursor FG Color
Transparent
0
0
Cursor BG Color
Transparent
CR43-40 – Hardware Cursor Position ............................RW
31-28 Reserved
........................................ always reads 0
27-16 Hardware Cursor Position Y Dimension
15-12 Reserved
........................................ always reads 0
11-0 Hardware Cursor Position X Dimension
CR45-44 – Hardware Cursor Pattern Location .............RW
15-12 Reserved
........................................ always reads 0
11-0 Hardware Cursor Map Mask Storage Location
1KB aligned in the frame buffer
CR47-46 – Hardware Cursor Offset................................RW
15
Reserved
........................................ always reads 0
14-8 Hardware Cursor Position Y-Offset
7
Reserved
........................................ always reads 0
6-0
Hardware Cursor Position X-Offset
CR4F-48 – Hardware Cursor Color................................RW
63-56 Reserved
........................................ always reads 0
55-32 Hardware Cursor Background Color
31-24 Reserved
........................................ always reads 0
23-0 Hardware Cursor Foreground Color
CR50 – Hardware Cursor Control ................................. RW
7
Hardware Cursor Enable
0
Disable .................................................. default
1Enable
6
Hardware Cursor Mode
0
MS Windows™ Compatible ................. default
1
X11 Compatible
5
Hardware Cursor Color Control 3
0
Disable .................................................. default
1Enable
4
Hardware Cursor Color Control 2
0
Disable................................................... default
1Enable
3-2
Reserved
........................................ always reads 0
1-0
Hardware Cursor Size
00 128x128 ................................................ default
01 64x64
10 32x32
11 -reserved-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com