Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT8601 Datasheet(PDF) 57 Page - List of Unclassifed Manufacturers

Part # VT8601
Description  Single-Chip Slot-1 / Socket-370 PCI North Bridge With Integrated AGP 2D / 3D Graphics Accelerator and Advanced Memory Controller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VT8601 Datasheet(HTML) 57 Page - List of Unclassifed Manufacturers

Back Button VT8601 Datasheet HTML 53Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 54Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 55Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 56Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 57Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 58Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 59Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 60Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 61Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 144 page
background image
VT8601 Apollo ProMedia
Revision 1.3 September 8, 1999
-51-
Device 0 Bus 0 Host Bridge Registers
7HFKQRORJLHV ,QF
:H&
:H&RRQQHFW
QQHFW
Device 0 Offset F7-F0 – BIOS Scratch Register .............RW
7-0
No Hardware Function
Device 0 Offset F8 – DRAM Arbitration Timer 1 ..........RW
7-4
AGP Timer (units of 4 DRAM Clocks)
3-0
Host Timer (units of 4 DRAM Clocks)
Device 0 Offset F9 – DRAM Arbitration Timer 2 ..........RW
7-4
VGA High Priority Timer (units of 16 DRAM
Clocks)
3-0
VGA Timer (units of 16 DRAM Clocks)
Device 0 Offset FA – CPU Direct Access Frame Buffer
Base Address A[28:21] ......................................................RW
7-0
A[28:21]
Device 0 Offset FB – Frame Buffer Control ...................RW
7VGA Enable
0
Disable ...................................................default
1Enable
6
VGA Reset ................................. (Write 1 to Reset)
5-4
Frame Buffer Size
00 None
.....................................................default
01 2M
10 4M
11 8M
3
CPU Direct Access Frame Buffer
0
Disable ...................................................default
1Enable
2-0
CPU Direct Access Frame Buffer Base Address
<31:29>
Device 0 Offset FC – Back Door Control 1..................... RW
7-2
Reserved
........................................ always reads 0
1
Back-door MAX # of AGP Request Allowed
0
Read RXA7 will return 7 ....................... default
1
Read RxXA7 will have number programmed at
RxFD
0
Back-Door Device ID Enable
0
Use Rx3-2’s value for Rx3-2 read ......... default
1
Use the value in RxFE-FF
Device 0 Offset FD – Back Door Control 2..................... RW
7-3
Reserved
2-0
Back-Door Max # of AGP Requests the Device can
Handle
000 1-Request ............................................... default
001 2-Requests
……
111 8-Requests
Device 0 Offset FF-FE – Back Door Device ID .............. RW
15-0 Back-Door Device ID................................ default = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com