Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT8601 Datasheet(PDF) 81 Page - List of Unclassifed Manufacturers

Part # VT8601
Description  Single-Chip Slot-1 / Socket-370 PCI North Bridge With Integrated AGP 2D / 3D Graphics Accelerator and Advanced Memory Controller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VT8601 Datasheet(HTML) 81 Page - List of Unclassifed Manufacturers

Back Button VT8601 Datasheet HTML 77Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 78Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 79Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 80Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 81Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 82Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 83Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 84Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 85Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 144 page
background image
VT8601 Apollo ProMedia
Revision 1.3 September 8, 1999
-75
VGA Extended Registers
7HFKQRORJLHV ,QF
:H&
:H&RRQQHFW
QQHFW
VGA Extended Registers – Sequencer Indexed
SR8 – Old / New Status ......................................................RO
7
Old / New Status (see SRB, SRC, SRD, SRE, GRE)
0
Old
.....................................................default
1New
6
Interlace Scan Field
0
Odd
.....................................................default
1Even
5
Reserved
........................................ always reads 0
4
Command FIFO Empty
0
Empty .....................................................default
1
Not Empty
3-0
Reserved
........................................ always reads 0
SR9 – Graphics Controller Version..................................RO
7-0
Version Number ............................. always reads 58h
SRB – Version / Old-New Mode Control ........................RW
7-0
Graphics Controller Version #...... always reads F3h
A write to this register will change the Old / New Mode
Control registers (SRD, SRE, and GRE) to the “old”
definition. A read from this register will change the Old / New
Mode Control registers to the “new” definition.
SRC – Configuration Port 1 .............................................RW
Access to this register is enabled by SRE_Old[5] = 1 (“Select
Configuration Port 1”) and writes are enabled by SRE_New[7]
= 1 (“Configuration Port Write Enable”).
7
Reserved
....................................... always reads 1
6
Memory Bus Width
0
32-bit Memory Bus ................................default
1
64-bit Memory Bus
Note:
Although the ProMedia integrated graphics
controller does not control memory directly (the
system memory controller is used to access graphics
memory as a portion of system memory), some
functional blocks in the graphics controller (such as
video) use this bit to manage their data bus widths.
5
Reserved
....................................... always reads 1
4
Video Subsystem Enable
0
46E8
1
3C3
.....................................................default
3
Video BIOS Size
0
64K
.....................................................default
1
32K
2-0
Reserved
.................................always reads 111b
SRC – Configuration Port 2 .............................................RW
Access to this register is enabled by SRE_Old[5] = 0 (“Select
Configuration Port 2”) and writes are enabled by SRE_New[7]
= 1 (“Configuration Port Write Enable”).
7-0
Reserved for BIOS
SRD – Mode Control 2 (Old) ........................................... RW
7-6
Reserved
........................................ always reads 0
5
Reserved
...................................... always reads 1
4
Reserved
........................................ always reads 0
3
CPU Bandwidth Select
0
Normal ................................................... default
1
Non-interrupted CPU access during VBLANK
2-0
Reserved
........................................ always reads 0
SRD – Mode Control 2 (New).......................................... RW
7-4
Display FIFO Memory Request Threshold Ctrl
0000 Empty 0 level
0001 Empty 4 level......................................... default
0010 Empty 8 lrevel
0011 Empty 12 level
0100 Empty 16 level
0101 Empty 20 level
0110 Empty 24 level
0111 Empty 28 level
1000 Empty 32 level
1001 Empty 36 level
1010 Empty 40 level
1011 Empty 44 level
1100 Empty 48 level
1101 Empty 52 level
1110 Empty 56 level
1111 Empty 60 level
3
Reserved
........................................ always reads 0
2-1
Video Clock Divide
00 Divide by 1 ............................................ default
01 Divide by 2
10 Divide by 4
11 Divide by 1.5
0
Reserved
........................................ always reads 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com