Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT8601 Datasheet(PDF) 68 Page - List of Unclassifed Manufacturers

Part # VT8601
Description  Single-Chip Slot-1 / Socket-370 PCI North Bridge With Integrated AGP 2D / 3D Graphics Accelerator and Advanced Memory Controller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VT8601 Datasheet(HTML) 68 Page - List of Unclassifed Manufacturers

Back Button VT8601 Datasheet HTML 64Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 65Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 66Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 67Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 68Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 69Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 70Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 71Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 72Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 144 page
background image
VT8601 Apollo ProMedia
Revision 1.3 September 8, 1999
-62
Graphics Accelerator PCI Bus Master Registers
7HFKQRORJLHV ,QF
:H&
:H&RRQQHFW
QQHFW
Port 2348 – Graphics AGP Channel 1 FB Start/Pitch ...RW
31-22 Frame Buffer Line Offset (in quadwords)
21-19 Reserved
........................................ always reads 0
18-0 Frame Buffer Starting Address
Port 234C – Graphics AGP Channel 1 FB Size ..............RW
31-13 X Direction (in quadwords minus one)
12-10 Reserved
........................................ always reads 0
9-0
Y Direction (in pixels minus one)
Port 2350 – Graphics AGP Channel 1 System Start ......RW
31-3 Channel 1 System Memory Start Address
(quadword aligned)
2-1
Reserved
........................................ always reads 0
0
Command List Operation Trigger
This bit is the same as bit-19 of register 2368h
(Channel 1 Read Enable).
It is used to trigger
command list operation and force bit-17 of register
2368h (Channel 1 Destination Select) to 1 (to select
the GE Command FIFO).
Port 2354 – Graphics AGP Chan 1/2 System Pitch ........RW
31-27 Reserved
........................................ always reads 0
26-16 Ch 2 System Memory Line Offset (in quadwords)
15-11 Reserved
........................................ always reads 0
10-0 Ch 1 System Memory Line Offset (in quadwords)
Port 2358 – Graphics AGP Channel 2 System Start ......RW
31-3 Channel 2 System Memory Start Address
(quadword aligned)
2-0
Reserved
........................................ always reads 0
Port 235C – Graphics AGP Channel 2 FB Start/Pitch .RW
31-22 Frame Buffer Line Offset (in quadwords)
21-19 Reserved
........................................ always reads 0
18-0 Frame Buffer Starting Address
Port 2360 – Graphics AGP Channel 2 FB Size ...............RW
31-27 Reserved
........................................ always reads 0
26-16 Ch 2 System Memory Line Offset (in quadwords)
15-11 Reserved
........................................ always reads 0
10-0 Ch 1 System Memory Line Offset (in quadwords)
Port 2364 –Channel Arbitration Counter Threshold .... RW
31-28 Reserved
........................................ always reads 0
26-24 Channel 2 System Arbitration Threshold
23-20 Channel 2 System Arbitration Threshold
19-16 Channel 2 System Arbitration Threshold
15-12 Reserved
........................................ always reads 0
11-8 ??
7-0
??
Port 2368 – Graphics AGP Channel I/O Control .......... RW
31-27 Reserved
........................................ always reads 0
26
Reserved (Do not Program).......................must be 0
25
Reserved
........................................ always reads 0
24
Reserved (Do not Program).......................must be 0
23-22 Reserved
........................................ always reads 0
21-20 Reserved (Do not Program).....................must be 01
19
Channel 1 Read Enable
0
Disable................................................... default
1Enable
18
Channel 1 Interrupt Enable
0
Disable................................................... default
1Enable
17
Channel 1 Destination Select
0
Frame Buffer.......................................... default
1
GE Command FIFO
16
Channel 1 Enable
0
Disable................................................... default
1Enable
15-1 Reserved
........................................ always reads 0
0
Channel 0 Enable
0
Disable................................................... default
1Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com