Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT8601 Datasheet(PDF) 74 Page - List of Unclassifed Manufacturers

Part # VT8601
Description  Single-Chip Slot-1 / Socket-370 PCI North Bridge With Integrated AGP 2D / 3D Graphics Accelerator and Advanced Memory Controller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VT8601 Datasheet(HTML) 74 Page - List of Unclassifed Manufacturers

Back Button VT8601 Datasheet HTML 70Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 71Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 72Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 73Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 74Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 75Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 76Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 77Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 78Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 144 page
background image
VT8601 Apollo ProMedia
Revision 1.3 September 8, 1999
-68
Graphics Accelerator PCI Bus Master Registers
7HFKQRORJLHV ,QF
:H&
:H&RRQQHFW
QQHFW
Port 2287-2284 – MC Command Queue .........................RW
31-12 Page Table Address
11
SP Command Present
0
SP Command is Absent ..........................default
1
SP Command is Present
10-9 Video Output Display Fields
00 -reserved-................................................default
01 Top
10 Bottom
11 Both
8-6
Video Output Display Buffer
000 F0
.....................................................default
001 F1
010 F2
011 F3
100 H0
101 H1
110 H2
111 -reserved-
5-4
MC Buffer 2
Bit-1 = 1
Bit-1 = 0
00
H0
top
01
H1
bottom
10
H2
both
11 No Buf 2
n/a
3-2
MC Buffer 1
Bit-1 = 1
Bit-1 = 0
00
H0
F0
01
H1
F1
10
H2
F2
11
n/a
F3
1
MC Buffer is Field
0
Not Field ................................................default
1
Field
0
MC Command in Queue
0
Disable ...................................................default
1Enable
This register changes definition when written with bit-0 = 1.
This address then becomes “MC Status” with the definition of
the bits matching the following bit definitions until MC-Status
bit-0 is cleared by hardware.
Port 2285-2284 – MC Status............................................ RW
15
Task Pop Out Done Status
14-12 FIFO Status
11
MC Decode Done Status
10-9 Video Output Display Fields
00 -reserved- ............................................... default
01 Top
10 Bottom
11 Both
8-6
Video Output Display Buffer
000 F0
.................................................... default
001 F1
010 F2
011 F3
100 H0
101 H1
110 H2
111 -reserved-
5-4
MC Buffer 2
Bit-1 = 1
Bit-1 = 0
00
H0
top
01
H1
bottom
10
H2
both
11 No Buf 2
n/a
3-2
MC Buffer 1
Bit-1 = 1
Bit-1 = 0
00
H0
F0
01
H1
F1
10
H2
F2
11
n/a
F3
1
MC Buffer is Field
0
Not Field ................................................ default
1
Field
0
MC Status
0
Not in progress....................................... default
1In Progress
The bit definitions above are valid only when bit-0 is equal to
1. When hardware clears bit-0, bit definitions revert to those
defined by the “MC Command Queue” register defined in the
left hand column of this page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com