Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT8601 Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # VT8601
Description  Single-Chip Slot-1 / Socket-370 PCI North Bridge With Integrated AGP 2D / 3D Graphics Accelerator and Advanced Memory Controller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VT8601 Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button VT8601 Datasheet HTML 19Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 20Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 21Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 22Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 23Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 24Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 25Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 26Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 144 page
background image
VT8601 Apollo ProMedia
Revision 1.3 September 8, 1999
-17-
Pinouts
7HFKQRORJLHV ,QF
:H&
:H&RRQQHFW
QQHFW
PCI Bus Interface
Signal Name
Pin #
I/O
Signal Description
AD[31:0]
see pin list
IO
Address/Data Bus. The standard PCI address and data lines. The address is
driven with FRAME# assertion and data is driven or received in following
cycles.
CBE[3:0]#
AD7, AD9, AB11,
AF12
IO
Command/Byte Enables.
Commands are driven with FRAME# assertion.
Byte enables corresponding to supplied or requested data are driven on
following clocks.
PAR
AB10
IO
Parity. A single parity bit is provided over AD[31:0] and C/BE[3:0].
FRAME#
AE9
IO
Frame.
Assertion indicates the address phase of a PCI transfer. Negation
indicates that one more data transfer is desired by the cycle initiator. 10K
Ω
pullup to VCC3.
IRDY#
AC10
IO
Initiator Ready. Asserted when initiator is ready for data transfer.
10K
Ω
pullup to VCC3.
TRDY#
AD10
IO
Target Ready. Asserted when target is ready for data transfer. 10K
Ω pullup to
VCC3.
STOP#
AE10
IO
Stop.
Asserted by the target to request the master to stop the current
transaction. 10K
Ω pullup to VCC3.
DEVSEL#
AB9
IO
Device Select. This signal is driven by the ProMedia when a PCI initiator is
attempting to access main memory. It is an input when the ProMedia is acting
as a PCI initiator. 10K
Ω pullup to VCC3.
LOCK#
AE5
IO
Lock. Used to establish, maintain, and release resource lock. 10K
Ω pullup to
VCC3.
SERR#
AF10
IO
System Error. The ProMedia will pulse this signal when it detects a system
error condition (10K
Ω pullup to VCC3).
PREQ#
AC15
I
South Bridge Request. This signal comes from the South Bridge. PREQ# is
the South Bridge request for the PCI bus. 10K
Ω pullup to VCC3.
PGNT#
AD15
O
South Bridge Grant. This signal driven by the ProMedia to grant PCI access
to the South Bridge. 10K
Ω pullup to VCC3.
REQ[7:0]#
AD1, AC3, AC2, AF2,
AD4, AE4, AD5, AC5
I
PCI Master Request. PCI master requests for use of the PCI bus. 2.2K
Ω
pullup to VCC5.
GNT[7:0]#
AE1, AD3, AD2, AE2,
AE3, AF3, AF4, AB5
O
PCI Master Grant. Permission is given to the master to use the PCI bus.
2.2K
Ω pullup to VCC3.
INTA#
W5
O
PCI Interrupt Out.
INTA# is an asynchronous active low output used to
signal an event that requires handling. It is driven by the integrated graphics
controller.
Note: Clocking of the PCI interface is performed with PCLK; see the clock pin group at the end of the pin descriptions section for
descriptions of the clock input pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com