Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT8601 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # VT8601
Description  Single-Chip Slot-1 / Socket-370 PCI North Bridge With Integrated AGP 2D / 3D Graphics Accelerator and Advanced Memory Controller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VT8601 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button VT8601 Datasheet HTML 7Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 8Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 9Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 10Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 11Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 12Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 13Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 14Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 144 page
background image
VT8601 Apollo ProMedia
Revision 1.3 September 8, 1999
-5-
Features
7HFKQRORJLHV ,QF
:H&
:H&RRQQQQHFW
HFW
• DVD
− Hardware-Assisted MPEG-2 Architecture for DVD with AC-3
− Simultaneous motion compensation and front-end processing (parsing, decryption and decode)
− Supports full DVD 1.0, VCD 2.0 and CD-Karaoke
− Microsoft DirectShow 3.0 native support, backward compatible to MCI
− No additional frame buffer requirements
− Sub-picture hardware eliminates Run-Length-Decoder and Alpha Blending overhead
− Dynamic frame and field de-interlace filtering for high quality playback on VGA monitors (Bob and Weave)
− Tamper-proof software CSS implementation
− Freeze, Fast-Forward, Slow Motion, Reverse
− Pan-and-Scan support for 16:9 sequence
• Video Processor
− On-chip Color Space Converter (CSC)
− Anti-tearing via two frame buffer based capture surfaces
− Minifier for video stream compression and filtering
− Horizontal/vertical interpolation with edge recovery
− Dual frame buffer apertures for independent memory access for graphics and video
− YUV 4:2:2/4:1:1/4:2:0 and RGB formats
− Video Module Interface (VMI) to MPEG and video decoder
− Vertical Blank Interval for Intercast™
− Overlay differing video and graphic color depths
− Minifier Video Module Interface (VMI) to MPEG and video decode
− Display two simultaneous video streams from both internal AGP and VMI
− Two scalers and Color Space Converters (CSC) for independent windows
• Flat Panel Interface
− 85MHz Flat Panel interface supports 1024x768 panels
− Support for TFT, STN & DSTN panel technologies
− Allows external LVDS or TMDS transmitter for advanced panel interfaces
• Power Management Support
− Dynamic power down of SDRAM (CKE)
− Independent clock stop controls for CPU / SDRAM, AGP, and PCI bus
− PCI and AGP bus clock run and clock generator control
− VTT suspend power plane preserves memory data
− Suspend-to-DRAM and Self-Refresh operation
− EDO self-refresh and SDRAM self-refresh power down
− 8 bytes of BIOS scratch registers
− Low-leakage I/O pads
• Testability
− Build-in NAND-tree pin scan test capability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com