Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT8601 Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # VT8601
Description  Single-Chip Slot-1 / Socket-370 PCI North Bridge With Integrated AGP 2D / 3D Graphics Accelerator and Advanced Memory Controller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VT8601 Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button VT8601 Datasheet HTML 21Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 22Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 23Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 24Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 25Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 26Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 27Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 28Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 144 page
background image
VT8601 Apollo ProMedia
Revision 1.3 September 8, 1999
-19-
Pinouts
7HFKQRORJLHV ,QF
:H&
:H&RRQQHFW
QQHFW
CRT Interface
Signal Name
Pin #
I/O
Signal Description
RED
C2
A
Red. Red analog output to the CRT. Connect 75
Ω load resistor to GNDR (RGB Return)
and connect to VGA connector through a series ferrite bead and 10pF capacitors to GNDR
on both input and output sides of the bead (see “Apollo ProMedia Design Guide”).
GRN
D3
A
Green. Green analog output to the CRT. Connect same as RED.
BLUE
D2
A
Blue. Blue analog output to the CRT. Connect same as RED.
HSYNC
E2
O
Horizontal Sync. Digital horizontal sync output to the CRT. Also used (with VSYNC)
to signal power management state information to the CRT per the VESA™ DPMS™
standard. Connect to VGA connector through a series 47
Ω resistor and 120pF capacitor
to ground (see “Apollo ProMedia Design Guide”).
VSYNC
E1
O
Vertical Sync. Digital vertical sync output to the CRT. Also used (with HSYNC) to
signal power management state information to the CRT per the VESA™ DPMS™
standard. Connect to VGA connector through a series 47
Ω resistor and 120pF capacitor
to ground (see “Apollo ProMedia Design Guide”).
SDA
F2
IO
DDC Data/Address. Serial I
2C protocol for VESA™ DDC2B signaling to the CRT.
Connect this pin to VCC5 through a 4.7K
Ω pullup. Connect to the VGA connector only
(pin 12 of the connector). Connect through a ferrite bead and 120pF capacitor to ground
(on the output side of the bead).
Refer to the “Apollo ProMedia Design Guide” for
additional information.
SCL
F3
IO
DDC Clock. Serial I
2C protocol for VESA™ DDC2B signaling to the CRT. Connect this
pin to VCC5 through a 4.7K
Ω pullup. Connect to the VGA connector only (pin 15 of the
VGA connector). Connect through a ferrite bead and 120pF capacitor to ground (on the
output side of the bead). Refer to the “Apollo ProMedia Design Guide” for additional
information.
DFP Interface
Signal Name
Pin #
I/O
Signal Description
PD[23-0]
(see pin list)
O
Panel Data. Digital pixel data outputs to the panel.
SCLK
G4
O
Shift Clock. Clock for transferring digital pixel data.
DE
H3
O
Data Enable. Indicates valid data on PD[23-0].
LP
G5
O
Line Pulse. Digital monitor equivalent of HSYNC.
FLM
G3
O
First Line Marker. Digital monitor equivalent of VSYNC.
EVDD
F1
O
Enable Panel VDD Power.
EVEE
H5
O
Enable Panel VEE Power.
EBLT
G1
O
Enable Panel Backlight.
Note: Connect SHFCLK, DE, LP, and FLM to external TMDS transmitters through series 22
Ω resistors. See the “Apollo
ProMedia Design Guide” for DFP interface design examples and additional information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com