Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT8601 Datasheet(PDF) 62 Page - List of Unclassifed Manufacturers

Part # VT8601
Description  Single-Chip Slot-1 / Socket-370 PCI North Bridge With Integrated AGP 2D / 3D Graphics Accelerator and Advanced Memory Controller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VT8601 Datasheet(HTML) 62 Page - List of Unclassifed Manufacturers

Back Button VT8601 Datasheet HTML 58Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 59Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 60Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 61Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 62Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 63Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 64Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 65Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 66Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 144 page
background image
VT8601 Apollo ProMedia
Revision 1.3 September 8, 1999
-56
Device 0 Bus 1 Header Registers - Graphics Accelerator
7HFKQRORJLHV ,QF
:H&
:H&RRQQHFW
QQHFW
Offset 5-4 - Command.......................................................RW
15-10 Reserved
........................................ always reads 0
9
Fast Back-to-Back Cycle Enable ........................ RO
........... default set from inverse of MA??
0
Fast back-to-back transactions only allowed to
the same agent
1
Fast back-to-back transactions allowed to
different agents
8
SERR# Enable...................................................... RO
0
SERR# driver disabled ...........................default
1
SERR# driver enabled
(SERR# is used to report parity errors if bit-6 is set).
7
Address / Data Stepping ...................................... RO
0
Device never does stepping ....................default
1
Device always does stepping
6
Parity Error Response ......................................... RO
0
Ignore parity errors & continue ..............default
1
Take normal action on detected parity errors
5
VGA Palette Snoop .............................................RW
0
Treat palette accesses normally ..............default
1
Don’t respond to palette accesses on PCI bus
4
Memory Write and Invalidate Command.......... RO
0
Bus masters must use Mem Write ..........default
1
Bus masters may generate Mem Write & Inval
3
Special Cycle Monitoring .................................... RO
0
Does not monitor special cycles .............default
1
Monitors special cycles
2Bus Master .........................................................RW
0
Never behaves as a bus master ...............default
1
Can behave as a bus master
1
Memory Space.....................................................RW
0
Does not respond to memory space
1
Responds to memory space ....................default
0
I/O Space
.........................................................RW
0
Does not respond to I/O space
1
Responds to I/O space ...........................default
Offset 7-6 - Status .......................................................... RWC
15
Detected Parity Error
0
No parity error detected ......................... default
1
Error detected in either address or data phase.
This bit is set even if error response is disabled
(command register bit-6). ......write one to clear
14
Signaled System Error (SERR# Asserted)
........................................ always reads 0
13
Signaled Master Abort (Bus Master Only)
0
No abort received .................................. default
1
Transaction aborted by the master ...................
....................................write one to clear
12
Received Target Abort (Bus Master Only)
0
No abort received .................................. default
1
Transaction aborted by the target......................
....................................... write 1 to clear
11
Signaled Target Abort........................ always reads 0
0
Target Abort never signaled
10-9 DEVSEL# Timing
00 Fast
01 Medium.................................... always reads 01
10 Slow
11 Reserved
8
Data Parity Error Detected (Bus Master Only)
0
No data parity error detected ..... always reads 0
1
Error detected in data phase
7
Fast Back-to-Back Capable
0
Not capable............................................ default
1
Capable
6
Reserved
........................................ always reads 0
5
66MHz Capable .................................. always reads 1
4
Supports New Capability list ............. always reads 0
3-0
Reserved
........................................ always reads 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com