Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25QL321-DWF Datasheet(PDF) 47 Page - Dialog Semiconductor

Part # AT25QL321-DWF
Description  32-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25QL321-DWF Datasheet(HTML) 47 Page - Dialog Semiconductor

Back Button AT25QL321-DWF Datasheet HTML 43Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 44Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 45Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 46Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 47Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 48Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 49Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 50Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 51Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 79 page
background image
46
AT25QL321
DS-25QL321–131C–5/2017
Figure 7-52. Set Burst with Wrap Instruction Sequence
7.32 Burst Read with Wrap (0Ch)
The “Burst Read with Wrap (0Ch)” instruction provides an alternative way to perform the read operation with “Wrap
Around” in QPI mode. The instruction is similar to the “Fast Read (0Bh)” instruction in QPI mode, except the
addressing of the read operation will “Wrap Around” to the beginning boundary of the “Wrap Length” once the ending
boundary is reached.
The “Wrap Length” and the number of dummy of clocks can be configured by the “Set Read Parameters (C0h)”
instruction.
Figure 7-53. Burst Read with Wrap instruction (QPI Mode, 80MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com