Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25QL321-DWF Datasheet(PDF) 9 Page - Dialog Semiconductor

Part # AT25QL321-DWF
Description  32-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25QL321-DWF Datasheet(HTML) 9 Page - Dialog Semiconductor

Back Button AT25QL321-DWF Datasheet HTML 5Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 6Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 7Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 8Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 9Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 10Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 11Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 12Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 13Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 79 page
background image
8
AT25QL321
DS-25QL321–131C–5/2017
4.
Device Operation
4.1
Standard SPI Operation
The AT25QL321 features a serial peripheral interface on four signals: Serial Clock (SCK). Chip Select (CS), Serial
Data Input (SI) and Serial Data Output (SO). Standard SPI instructions use the SI input pin to serially write instructions,
addresses or data to the device on the rising edge of SCK. The SO output pin is used to read data or status from the
device on the falling edge of SCK.
SPI bus operation Modes 0 (0, 0) and 3 (1, 1) are supported. The primary difference between Mode 0 and Mode 3
concerns the normal state of the SCK signal when the SPI bus master is in standby and data is not being transferred
to the Serial Flash. For Mode 0 the SCK signal is normally low on the falling and rising edges of CS. For Mode 3 the
SCK signal is normally high on the falling and rising edges of CS.
4.2
Dual SPI Operation
The AT25QL321 supports Dual SPI operation. This instruction allows data to be transferred to or from the device at two
times the rate of the standard SPI. The Dual Read instruction is ideal for quickly downloading code to RAM upon power-
up (code-shadowing) or for executing non-speed- critical code directly from the SPI bus (XIP). When using Dual SPI
instructions the SI and SO pins become bidirectional I/0 pins; IO0 and IO1.
4.3
Quad SPI Operation
The AT25QL321 supports Quad SPI operation. This instruction allows data to be transferred to or from the device at
four times the rate of the standard SPI. The Quad Read instruction offers a significant improvement in continuous
and random access transfer rates allowing fast code- shadowing to RAM or execution directly from the SPI bus (XIP).
When using Quad SPI instruction the SI and SO pins become bidirectional IO0 and IO1, and the WP and HOLD pins
become IO2 and IO3 respectively. Quad SPI instructions require the non-volatile Quad Enable bit (QE) in Status
Register-2 to be set.
4.4
QPI Operation
The AT25QL128A is shipped with the Quad Enable Bit set and the device will power up in QPI mode.When using QPI
instructions, the SI and SO pins become bidirectional IO0 and IO1, and the WP and HOLD pins become IO2 and IO3
respectively.
The typical SPI protocol requires that the byte‐long instruction code being shifted into the device only via SI pin in eight
serial clocks. The QPI mode utilizes all four IO pins to input the instruction code, thus only two serial clocks are required.
This can significantly reduce the SPI instruction overhead and improve system performance in an XIP environment.
Standard/ Dual/ Quad SPI mode and QPI mode are exclusive. Only one mode can be active at any given time, “Enable
QPI” and “Disable QPI/ Disable QPI 2” instructions are used to switch between these two modes. Upon power‐up or after
software reset using “Reset (99h) instruction, the default state of the device is Standard/ Dual/ Quad SPI mode. 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com