Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25QL321-DWF Datasheet(PDF) 12 Page - Dialog Semiconductor

Part # AT25QL321-DWF
Description  32-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25QL321-DWF Datasheet(HTML) 12 Page - Dialog Semiconductor

Back Button AT25QL321-DWF Datasheet HTML 8Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 9Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 10Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 11Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 12Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 13Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 14Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 15Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 16Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 79 page
background image
11
AT25QL321
DS-25QL321–131C–5/2017
Note: 1. When SRP1, SRP0=(1,0), a power down, power-up cycle will change SRP1, SRP0 to(0,0) state.
6.4
Quad Enable (QE)
The Quad Enable (QE) bit is a non-volatile read/write bit in the status register (S9) that allows Quad operation.
When the QE pin is set to a 1 (factory default) the Quad IO2 and IO3 pins are enabled. When the QE bit is set to a 0
state the WP pin and HOLD are enabled. WARNING : The QE bit should never be set to a 1 during standard SPI or
Dual SPI operation if the WP or HOLD pins are tied directly to the power supply or ground.
6.5
Erase/Program Suspend Status (SUS)
The Suspend Status bit (SUS) is a read only bit in the status register (S15) that is set to 1 after executing an Erase/Program
Suspend (75h) instruction. The SUS status bit is cleared to 0 by Erase/Program Resume (7Ah) instruction as well as a power
down, power‐up cycle.
SRP1
SRP0
WP
Status
Register
Description
0
0
X
Software
WP pin no control. The register can be written to
0
1
0
Hardware
When WP pin is low the Status Register locked and can not
0
1
1
Hardware
Unprotected
When WP pin is high the Status register is unlocked and can be written to
after a Write Enable instruction, WEL=1
1
0
X
Power Supply
Status Register is protected and cannot be written to again until the next
power down, power‐up cycle(1)
1
1
X
One Time
Status Register is permanently protected and cannot be written to.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com