Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25QL321-DWF Datasheet(PDF) 22 Page - Dialog Semiconductor

Part # AT25QL321-DWF
Description  32-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25QL321-DWF Datasheet(HTML) 22 Page - Dialog Semiconductor

Back Button AT25QL321-DWF Datasheet HTML 18Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 19Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 20Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 21Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 22Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 23Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 24Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 25Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 26Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 79 page
background image
21
AT25QL321
DS-25QL321–131C–5/2017
Figure 7-11. Fast Read Instruction (SPI Mode)
7.10 Fast Read in QPI Mode
When QPI mode is enabled, the number of dummy clock is configured by the “Set Read Parameters (C0h)” instruction to
accommodate wide range applications with different needs for either maximum Fast Read frequency or minimum data
access latency. Depending on the Read Parameter Bit P[4] and P[5] setting, the number of dummy clocks can be
configured as either 4, or 6 or 8. The default number of dummy clocks upon power up or after a Reset instruction is 4.
(Please refer to Figure 7-12, Figure 7-13 and Figure 7-13).
Figure 7-12. Fast Read instruction (QPI Mode, 80MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com