Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25QL321-DWF Datasheet(PDF) 28 Page - Dialog Semiconductor

Part # AT25QL321-DWF
Description  32-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25QL321-DWF Datasheet(HTML) 28 Page - Dialog Semiconductor

Back Button AT25QL321-DWF Datasheet HTML 24Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 25Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 26Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 27Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 28Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 29Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 30Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 31Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 32Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 79 page
background image
27
AT25QL321
DS-25QL321–131C–5/2017
Fast Read Quad I/O in QPI mode
When QPI mode in enabled, the number of dummy clocks is configured by the “Set Read Parameters (C0h)” instruction
to accommodate a wide range applications with different needs for either maximum Fast Read frequency or minimum
data access latency. Depending on the Read Parameter Bits P [4] and P [5] setting, the number of dummy clocks can
be configured as either 4 or 6 or 8. The default number of dummy clocks upon power up or after a Reset (99h)
instruction is 4.
“Continuous Read Mode” feature is also available in QPI mode for Fast Read Quad I/O instruction. In QPI mode, the
“Continuous Read Mode” bits M7-0 are also considered as dummy clocks. In the default setting, the data output will
follow the Continuous Read Mode bits immediately.
“Wrap Around” feature is not available in QPI mode for Fast Read Quad I/O instruction. To perform a read operation with
fixed data length wrap around in QPI mode, a “Burst Read with Wrap” (0Ch) instruction must be used. (Please refer to
Section 7.32 Burst Read with Wrap).
Figure 7-20. Fast Read Quad I/O Instruction (Initial instruction or previous M7‐0 ≠ Axh, QPI mode, 80MHz)
Figure 7-21. Fast Read Quad I/O Instruction (Initial instruction or previous M7‐0 ≠ Axh, QPI mode, 104MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com