Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25QL321-DWF Datasheet(PDF) 59 Page - Dialog Semiconductor

Part # AT25QL321-DWF
Description  32-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25QL321-DWF Datasheet(HTML) 59 Page - Dialog Semiconductor

Back Button AT25QL321-DWF Datasheet HTML 55Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 56Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 57Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 58Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 59Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 60Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 61Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 62Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 63Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 79 page
background image
58
AT25QL321
DS-25QL321–131C–5/2017
Table 7-8.
SFDP Parameters Table 2
7.36 Enter Secured OTP (B1h)
The Enter Secured OTP instruction is for entering the additional 4K-bit secured OTP mode. The additional 4K-bit
secured OTP is independent from main array, which may be used to store unique serial number for system identifier.
After entering the Secured OTP mode, and then follow standard read or program, procedure to read out the data or
update data. The Secured OTP data cannot be updated again once it is lock-down
Please note that Write Status Register-1, Write Status Register-2 and Write Security Register instructions are not
acceptable during the access of secure OTP region. Once security OTP is lock down, only commands related with read
are valid. The Enter Secured OTP instruction sequence is shown in Figure 7-59.
Description
Comment
Address
(h) Byte
Address
(Bit)
Data (b)
(Bit)
Data (h)
(Byte)
VCC Minimum Voltage
1650h: 1.65V,
1700h: 1.70V,
2300h: 2.30V,
2500h: 2.50V,
2700h: 2.70V
80h
81h
15:0
0000 0000
0001 0111
00h
17h
VCC Maximum Voltage
1950h: 1.95V,
3600h: 3.60V,
4000h: 4.00V,
4400h: 4.40V
82h
83h
31:16
0000 0000
0010 0000
00h
20h
Array Protection Method
10b: use non-volatile
status register
84h
85h
01:00
00
00h
00h
Power up Protection default
0: power up unprotected,
1: power up protected
02
0
Protection Disable Opcodes
011b: use status register
05:03
00 0
Protection Enable Opcodes
011b: use status register
08:06
0 00
Protection Read Opcodes
011b: use status register
11:09
000
Protection Register Erase
Opcode
00b: not supported,
01b: Opcodes
3Dh,2Ah,7Fh,CFh,
13:12
00
Protection Register Program
Opcode
00b: not supported,
01b: Opcodes
3Dh,2Ah,7Fh,FCh
15:14
00
Reserved
FFh
86h
23:16
1111 1111
FFh
Reserved
FFh
87h
31:24
1111 1111
FFh
Reserved
FFh
88h-FFh
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com