Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25QL321-DWF Datasheet(PDF) 64 Page - Dialog Semiconductor

Part # AT25QL321-DWF
Description  32-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25QL321-DWF Datasheet(HTML) 64 Page - Dialog Semiconductor

Back Button AT25QL321-DWF Datasheet HTML 60Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 61Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 62Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 63Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 64Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 65Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 66Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 67Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 68Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 79 page
background image
63
AT25QL321
DS-25QL321–131C–5/2017
8.4
Power-up Timing and Write Inhibit Threshold
Note:
1. These parameters are characterized at -10C & +85C only
Figure 8-1. Power‐up Timing and Voltage Levels
8.5
Program Acceleration via ACC Pin
The program acceleration function requires applying VHH to the ACC input, and then waiting a period of tWC.
Minimum tVHH (rise & fall times) is required for ACC to change to VHH from VIL or VIH. Removing VHH from the ACC
pin returns the device to normal operation after a period of tWC.
Only Read Status Register and Page Program operation are allowed when ACC is at (VHH).
The start address must be entered by the multiples of 4‐byte (for example xxxxx0, xxxxx4, xxxxx8, xxxxxC). Also the data
must be entered with a minimum of 4‐byte and multiples of 4‐byte unit when Program Acceleration via ACC Pin.
PARAMETER
SYMBOL
SPEC
UNIT
MIN
MAX
VCC(min) to CS Low
tVSL(1)
10
µs
Time Delay Before Write Instruction
tPUW(1)
1
10
ms
Write Inhibit Threshold Voltage
VWI(1)
1.0
1.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com