Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25QL321-DWF Datasheet(PDF) 75 Page - Dialog Semiconductor

Part # AT25QL321-DWF
Description  32-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25QL321-DWF Datasheet(HTML) 75 Page - Dialog Semiconductor

Back Button AT25QL321-DWF Datasheet HTML 71Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 72Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 73Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 74Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 75Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 76Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 77Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 78Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 79Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 75 / 79 page
background image
74
AT25QL321
DS-25QL321–131C–5/2017
10.4 24CC — 24-ball BGA
DRAWING NO.
REV.
GPC
TITLE
Package Drawing Contact:
contact@adestotech.com
24CC
A
CAA
24CC, 24-ball, 6 x 8 x 1.2mm Body, 1.0mm ball
pitch (4x6 Array), Ball Grid Array Package(BGA)
5/5/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com