Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25QL321-DWF Datasheet(PDF) 18 Page - Dialog Semiconductor

Part # AT25QL321-DWF
Description  32-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25QL321-DWF Datasheet(HTML) 18 Page - Dialog Semiconductor

Back Button AT25QL321-DWF Datasheet HTML 14Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 15Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 16Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 17Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 18Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 19Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 20Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 21Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 22Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 79 page
background image
17
AT25QL321
DS-25QL321–131C–5/2017
7.4
Write Disable (04h)
The Write Disable instruction is to reset the Write Enable Latch (WEL) bit in the Status Register. To enter the Write Disable
instruction, CS goes low prior to the instruction “04h” into Data Input (SI) pin on the rising edge of SCK, and then driving CS
high. WEL bit is automatically reset write- disable status of “0” after Power‐up and upon completion of the every Program,
Erase and Write Status Register instructions.
Figure 7-3. Write Disable Instruction for SPI Mode (left) and QPI Mode (right)
7.5
Read Status Register-1 (05h) and Read Status Register-2 (35h)
The Read Status Register instructions are to read the Status Register. The Read Status Register can be read at any
time (even in program/erase/write Status Register and Write Security Register condition). It is recommended to check
the BUSY bit before sending a new instruction when a Program, Erase, Write Status Register or Write Status Register
operation is in progress.
The instruction is entered by driving CS low and sending the instruction code “05h” for Status Register-1 or “35h” for Status
Register-2 into the SI pin on the rising edge of SCK. The status register bits are then shifted out on the SO pin at the falling
edge of SCK with most significant bit (MSB) first as shown in (Figure 7-4 and Figure 7-5). The Status Register can be read
continuously. The instruction is completed by driving CS high.
Figure 7-4. Read Status Register Instruction (SPI Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com