Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P5021 Datasheet(PDF) 110 Page - NXP Semiconductors

Part # P5021
Description  P5021 QorIQ Integrated Processor Data Sheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5021 Datasheet(HTML) 110 Page - NXP Semiconductors

Back Button P5021 Datasheet HTML 106Page - NXP Semiconductors P5021 Datasheet HTML 107Page - NXP Semiconductors P5021 Datasheet HTML 108Page - NXP Semiconductors P5021 Datasheet HTML 109Page - NXP Semiconductors P5021 Datasheet HTML 110Page - NXP Semiconductors P5021 Datasheet HTML 111Page - NXP Semiconductors P5021 Datasheet HTML 112Page - NXP Semiconductors P5021 Datasheet HTML 113Page - NXP Semiconductors P5021 Datasheet HTML 114Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 155 page
background image
P5021 QorIQ Integrated Processor Data Sheet, Rev. 1
Electrical characteristics
Freescale Semiconductor
110
This table defines the DC specifications for the PCI Express 2.0 (5 GT/s) differential input at all receivers. The parameters are
specified at the component pins.
Powered down DC input impedance
ZRX-HIGH-IMP-DC
50 k
—
—
Ω
Required receiver D+ as well as D–
DC Impedance when the receiver
terminations do not have power.
See Note 3.
Electrical idle detect threshold
VRX-IDLE-DET-DIFFp-p
65
—
175
mV
VRX-IDLE-DET-DIFFp-p =
2
× |V
RX-D+ – VRX-D–|
Measured at the package pins of the
receiver
Notes:
1. Measured at the package pins with a test load of 50
Ω to GND on each pin.
2. Impedance during all LTSSM states. When transitioning from a fundamental reset to detect (the initial state of the LTSSM)
there is a 5 ms transition time before receiver termination values must be met on all unconfigured lanes of a port.
3. The receiver DC common mode impedance that exists when no power is present or fundamental reset is asserted. This helps
ensure that the receiver detect circuit does not falsely assume a receiver is powered on when it is not. This term must be
measured at 300 mV above the receiver ground.
Table 65. PCI Express 2.0 (5 GT/s) differential receiver input DC specifications (XVDD = 1.5V or 1.8V)
For recommended operating conditions, see Table 3.
Parameter
Symbol
Min
Typ
Max Units
Notes
Differential input peak-to-peak voltage
VRX-DIFFp-p
120
—
1200
V
VRX-DIFFp-p = 2 × |VRX-D+ – VRX-D–|
See Note 1.
DC differential input impedance
ZRX-DIFF-DC
80
100
120
Ω
Receiver DC Differential mode
impedance. See Note 2
DC input impedance
ZRX-DC
40
50
60
Ω
Required receiver D+ as well as D–
DC Impedance (50 ±20%
tolerance). See Notes 1 and 2.
Powered down DC input impedance
ZRX-HIGH-IMP-DC
50
—
—
k
Ω Required receiver D+ as well as D–
DC Impedance when the receiver
terminations do not have power.
See Note 3.
Electrical idle detect threshold
VRX-IDLE-DET-DIFFp-p
65
—
175
mV
VRX-IDLE-DET-DIFFp-p =
2
× |V
RX-D+ –VRX-D–|
Measured at the package pins of the
receiver
Notes:
1. Measured at the package pins with a test load of 50
Ω to GND on each pin.
2. Impedance during all LTSSM states. When transitioning from a fundamental reset to detect (the initial state of the LTSSM)
there is a 5 ms transition time before receiver termination values must be met on all unconfigured lanes of a port.
3. The receiver DC common mode impedance that exists when no power is present or fundamental reset is asserted. This helps
ensure that the receiver detect circuit does not falsely assume a receiver is powered on when it is not. This term must be
measured at 300 mV above the receiver ground.
Table 64. PCI Express 2.0 (2.5 GT/s) differential receiver input DC specifications (XVDD = 1.5 V or 1.8 V)
(continued)
Parameter
Symbol
Min
Typ
Max Units
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com