Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P5021 Datasheet(PDF) 114 Page - NXP Semiconductors

Part # P5021
Description  P5021 QorIQ Integrated Processor Data Sheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5021 Datasheet(HTML) 114 Page - NXP Semiconductors

Back Button P5021 Datasheet HTML 110Page - NXP Semiconductors P5021 Datasheet HTML 111Page - NXP Semiconductors P5021 Datasheet HTML 112Page - NXP Semiconductors P5021 Datasheet HTML 113Page - NXP Semiconductors P5021 Datasheet HTML 114Page - NXP Semiconductors P5021 Datasheet HTML 115Page - NXP Semiconductors P5021 Datasheet HTML 116Page - NXP Semiconductors P5021 Datasheet HTML 117Page - NXP Semiconductors P5021 Datasheet HTML 118Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 155 page
background image
P5021 QorIQ Integrated Processor Data Sheet, Rev. 1
Electrical characteristics
Freescale Semiconductor
114
This table defines the AC specifications for the PCI Express 2.0 (5 GT/s) differential input at all receivers (RXs). The parameters
are specified at the component pins. The AC timing specifications do not include RefClk jitter.
2.20.4.6
Test and measurement load
The AC timing and voltage parameters must be verified at the measurement point. The package pins of the device must be
connected to the test/measurement load within 0.2 inches of that load, as shown in Figure 43.
NOTE
The allowance of the measurement point to be within 0.2 inches of the package pins is
meant to acknowledge that package/board routing may benefit from D+ and D– not being
exactly matched in length at the package pin boundary. If the vendor does not explicitly
state where the measurement point is located, the measurement point is assumed to be the
D+ and D– package pins.
Figure 43. Test/Measurement load
Table 69. PCI Express 2.0 (5 GT/s) differential receiver Input AC specifications
For recommended operating conditions, see Table 3.
Parameter
Symbol
Min
Typ
Max
Units
Notes
Unit Interval
UI
199.94 200.00 200.06
ps
Each UI is 400 ps ±300 ppm. UI does not
account for spread spectrum clock dictated
variations. See Note 1.
Max receiver inherent timing
error
TRX-TJ-CC
—
—
0.4
UI
The maximum inherent total timing error for
common RefClk receiver architecture
Maximum time between the
jitter median and maximum
deviation from the median
TRX-TJ-DC
—
—
0.34
UI
Max receiver inherent total timing error
Max receiver inherent
deterministic timing error
TRX-DJ-DD-CC
—
—
0.30
UI
The maximum inherent deterministic timing
error for common RefClk receiver
architecture
Max receiver inherent
deterministic timing error
TRX-DJ-DD-DC
—
—
0.24
UI
The maximum inherent deterministic timing
error for common RefClk receiver
architecture
Note:
1. No test load is necessarily associated with this value.
Transmitter
silicon
+ package
C = CTX
C = CTX
R = 50
Ω
R = 50
Ω
D+ package pin
D– package pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com