Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOFW311-R Datasheet(PDF) 11 Page - IDEC Corporation

Part # AOFW311-R
Description  Honeywell ZephyrTM Digital Airflow Sensors
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

AOFW311-R Datasheet(HTML) 11 Page - IDEC Corporation

Back Button AOFW311-R Datasheet HTML 7Page - IDEC Corporation AOFW311-R Datasheet HTML 8Page - IDEC Corporation AOFW311-R Datasheet HTML 9Page - IDEC Corporation AOFW311-R Datasheet HTML 10Page - IDEC Corporation AOFW311-R Datasheet HTML 11Page - IDEC Corporation AOFW311-R Datasheet HTML 12Page - IDEC Corporation AOFW311-R Datasheet HTML 13Page - IDEC Corporation AOFW311-R Datasheet HTML 14Page - IDEC Corporation AOFW311-R Datasheet HTML 15Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
ø22mm - TW Series
Switches & Pilot Devices
706
www.IDEC.com
1904032203
Pilot Lights (Assembled) continued
Assembled Pilot Lights
Style
Type
Voltage
Part Number
Round Flat
Transformer
120VAC
240VAC
480VAC
APW1126D-k
APW1246D-k
APW1486D-k
Full Voltage
APW199D-k-l
Dome
Transformer
120VAC
240VAC
480VAC
APW2126D-k
APW2246D-k
APW2486D-k
Full Voltage
APW299D-k-l
Square Flat
Transformer
120VAC
240VAC
480VAC
APQW1B126D-k
APQW1B246D-k
APQW1B486D-k
Full Voltage
APQW1B99D-k-l
1. In place of k, specify the Lens Color Code from table below.
2. In place of l, specify the Full Voltage Code from table below.
3. For accessories, see page 728.
4. For dimensions, see page 730.
5. For sub-assembly part numbers, see next page.
6. Yellow pilot light comes with white LED.
k
Lens Color Codes
Color
Code
Amber
A
Green
G
Red
R
Blue
S
White
W
Yellow
Y
l
Full Voltage Codes
Voltage
Code
6V AC/DC
6V
12V AC/DC
12V
24V AC/DC
24V
120V AC
120V
240V AC
240V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com